Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 188 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 188 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 184Page - STMicroelectronics STM32F769I Datasheet HTML 185Page - STMicroelectronics STM32F769I Datasheet HTML 186Page - STMicroelectronics STM32F769I Datasheet HTML 187Page - STMicroelectronics STM32F769I Datasheet HTML 188Page - STMicroelectronics STM32F769I Datasheet HTML 189Page - STMicroelectronics STM32F769I Datasheet HTML 190Page - STMicroelectronics STM32F769I Datasheet HTML 191Page - STMicroelectronics STM32F769I Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
188/255
DocID029041 Rev 4
Figure 53. SAI master timing waveforms
tv(SD_B_ST)
Data output valid time
Slave transmitter (after enable edge)
2.7≤VDD≤3.6V
-12
ns
Slave transmitter (after enable edge)
1.71≤VDD≤3.6V
-20
th(SD_B_MT)
Data output hold time
Slave transmitter (after enable edge)
5
-
tv(SD_MT)_A
Data output valid time
Master transmitter (after enable edge)
2.7≤VDD≤3.6V
-15
Master transmitter (after enable edge)
1.71≤VDD≤3.6V
-20
th(SD_A_MT)
Data output hold time
Master transmitter (after enable edge)
5
-
1. Guaranteed by characterization results.
2. APB clock frequency must be at least twice SAI clock frequency.
3. With FS=192kHz.
Table 89. SAI characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com