Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 189 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 189 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 185Page - STMicroelectronics STM32F769I Datasheet HTML 186Page - STMicroelectronics STM32F769I Datasheet HTML 187Page - STMicroelectronics STM32F769I Datasheet HTML 188Page - STMicroelectronics STM32F769I Datasheet HTML 189Page - STMicroelectronics STM32F769I Datasheet HTML 190Page - STMicroelectronics STM32F769I Datasheet HTML 191Page - STMicroelectronics STM32F769I Datasheet HTML 192Page - STMicroelectronics STM32F769I Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 255 page
background image
DocID029041 Rev 4
189/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
Figure 54. SAI slave timing waveforms
USB OTG full speed (FS) characteristics
This interface is present in both the USB OTG HS and USB OTG FS controllers.
Table 90. USB OTG full speed startup time
Symbol
Parameter
Max
Unit
tSTARTUP(1)
1. Guaranteed by design.
USB OTG full speed transceiver startup time
1
μs
Table 91. USB OTG full speed DC electrical characteristics
Symbol
Parameter
Conditions
Min.
(1)
Typ.
Max.
(1)
Unit
Input
levels
VDDUSB
USB OTG full speed
transceiver operating
voltage
-
3.0(2)
-
3.6
V
VDI(3) Differential input sensitivity
I(USB_FS_DP/DM,
USB_HS_DP/DM)
0.2
-
-
V
VCM(3)
Differential common mode
range
Includes VDI range
0.8
-
2.5
VSE(3)
Single ended receiver
threshold
-
1.3
-
2.0
Output
levels
VOL
Static output level low
RL of 1.5 kΩ to 3.6 V(4)
-
-
0.3
V
VOH
Static output level high
RL of 15 kΩ to VSS(4)
2.8
-
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com