Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 193 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 193 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 189Page - STMicroelectronics STM32F769I Datasheet HTML 190Page - STMicroelectronics STM32F769I Datasheet HTML 191Page - STMicroelectronics STM32F769I Datasheet HTML 192Page - STMicroelectronics STM32F769I Datasheet HTML 193Page - STMicroelectronics STM32F769I Datasheet HTML 194Page - STMicroelectronics STM32F769I Datasheet HTML 195Page - STMicroelectronics STM32F769I Datasheet HTML 196Page - STMicroelectronics STM32F769I Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 255 page
background image
DocID029041 Rev 4
193/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
Figure 57. Ethernet SMI timing diagram
Table 97 gives the list of Ethernet MAC signals for the RMII and Figure 58 shows the
corresponding timing diagram.
Figure 58. Ethernet RMII timing diagram
Table 96. Dynamics characteristics: Ethernet MAC signals for SMI(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Typ
Max
Unit
tMDC
MDC cycle time(2.38 MHz)
400
400
403
ns
Td(MDIO) Write data valid time
THCLK + 1
THCLK + 1.5 THCLK + 3
tsu(MDIO) Read data setup time
12.5
-
-
th(MDIO)
Read data hold time
0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com