Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 212 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 212 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 208Page - STMicroelectronics STM32F769I Datasheet HTML 209Page - STMicroelectronics STM32F769I Datasheet HTML 210Page - STMicroelectronics STM32F769I Datasheet HTML 211Page - STMicroelectronics STM32F769I Datasheet HTML 212Page - STMicroelectronics STM32F769I Datasheet HTML 213Page - STMicroelectronics STM32F769I Datasheet HTML 214Page - STMicroelectronics STM32F769I Datasheet HTML 215Page - STMicroelectronics STM32F769I Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
212/255
DocID029041 Rev 4
SDRAM waveforms and timings
•
CL = 30 pF on data and address lines. CL = 10 pF on FMC_SDCLK unless otherwise
specified.
In all timing tables, the THCLK is the HCLK clock period.
–
For 3.0 V≤ VDD≤ 3.6 V, maximum FMC_SDCLK = 100 MHz at CL=20 pF (on FMC_SDCLK).
–
For 2.7 V≤ VDD≤ 3.6 V, maximum FMC_SDCLK = 90 MHz at CL=30 pF (on FMC_SDCLK).
–
For 1.71 V≤ VDD<1.9 V, maximum FMC_SDCLK = 70 MHz at CL=10 pF (on FMC_SDCLK).
Figure 73. SDRAM read access waveforms (CL = 1)
Table 113. Switching characteristics for NAND Flash write cycles(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NWE)
FMC_NWE low width
4THCLK 0.5 4THCLK + 0.5
ns
tv(NWE-D)
FMC_NWE low to FMC_D[15-0] valid
0
-
th(NWE-D)
FMC_NWE high to FMC_D[15-0] invalid
2THCLK 1-
td(D-NWE)
FMC_D[15-0] valid before FMC_NWE high
5THCLK 1-
td(ALE-NWE)
FMC_ALE valid before FMC_NWE low
-
3THCLK + 1
th(NWE-ALE)
FMC_NWE high to FMC_ALE invalid
2THCLK 2-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com