Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 213 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 213 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 209Page - STMicroelectronics STM32F769I Datasheet HTML 210Page - STMicroelectronics STM32F769I Datasheet HTML 211Page - STMicroelectronics STM32F769I Datasheet HTML 212Page - STMicroelectronics STM32F769I Datasheet HTML 213Page - STMicroelectronics STM32F769I Datasheet HTML 214Page - STMicroelectronics STM32F769I Datasheet HTML 215Page - STMicroelectronics STM32F769I Datasheet HTML 216Page - STMicroelectronics STM32F769I Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 255 page
background image
DocID029041 Rev 4
213/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
Table 114. SDRAM read timings(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(SDCLK)
FMC_SDCLK period
2THCLK 0.5
2THCLK + 0.5
ns
tsu(SDCLKH _Data)
Data input setup time
1.5
-
th(SDCLKH_Data)
Data input hold time
1.5
-
td(SDCLKL_Add)
Address valid time
-
3.5
td(SDCLKL- SDNE)
Chip select valid time
-
1.5
th(SDCLKL_SDNE)
Chip select hold time
0.5
-
td(SDCLKL_SDNRAS)
SDNRAS valid time
-
1
th(SDCLKL_SDNRAS)
SDNRAS hold time
0.5
-
td(SDCLKL_SDNCAS)
SDNCAS valid time
-
0.5
th(SDCLKL_SDNCAS)
SDNCAS hold time
0
-
Table 115. LPSDR SDRAM read timings(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tW(SDCLK)
FMC_SDCLK period
2THCLK 0.5
2THCLK + 0.5
ns
tsu(SDCLKH_Data)
Data input setup time
0
-
th(SDCLKH_Data)
Data input hold time
4.5
-
td(SDCLKL_Add)
Address valid time
-
2.5
td(SDCLKL_SDNE)
Chip select valid time
-
2.5
th(SDCLKL_SDNE)
Chip select hold time
0
-
td(SDCLKL_SDNRAS
SDNRAS valid time
-
0.5
th(SDCLKL_SDNRAS)
SDNRAS hold time
0
-
td(SDCLKL_SDNCAS)
SDNCAS valid time
-
1.5
th(SDCLKL_SDNCAS)
SDNCAS hold time
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com