Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F767VIT6 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 88Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 89Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 90Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 91Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 92Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 93Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 94Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 95Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 255 page
background image
Table 12. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx alternate
function mapping
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
I2C4/UA
RT5/TIM
1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/DFSDM
1/CEC
I2C1/2/3/
4/USART
1/CEC
SPI1/I2S
1/SPI2/I2
S2/SPI3/
I2S3/SPI
4/5/6
SPI2/I2S
2/SPI3/I2
S3/SAI1/
I2C4/UA
RT4/DF
SDM1
SPI2/I2S
2/SPI3/I2
S3/SPI6/
USART1/
2/3/UART
5/DFSDM
1/SPDIF
SPI6/SAI
2/USART
6/UART4/
5/7/8/OT
G_FS/SP
DIF
CAN1/2/T
IM12/13/
14/QUAD
SPI/FMC/
LCD
SAI2/QU
ADSPI/S
DMMC2/D
FSDM1/O
TG2_HS/
OTG1_FS
/LCD
I2C4/CAN
3/SDMM
C2/ETH
UART7/
FMC/SD
MMC1/M
DIOS/OT
G2_FS
DCMI/L
CD/DSI
LCD
SYS
Port A
PA0
-
TIM2_C
H1/TIM2
_ETR
TIM5_C
H1
TIM8_ET
R
--
-
USART2
_CTS
UART4_
TX
-
SAI2_SD_
B
ETH_MII_
CRS
---
EVEN
TOUT
PA1
-
TIM2_C
H2
TIM5_C
H2
--
-
-
USART2
_RTS
UART4_
RX
QUADSP
I_BK1_IO
3
SAI2_MC
K_B
ETH_MII_
RX_CLK/
ETH_RMI
I_REF_C
LK
-
-
LCD_R2
EVEN
TOUT
PA2
-
TIM2_C
H3
TIM5_C
H3
TIM9_CH
1
--
-
USART2
_TX
SAI2_SC
K_B
--
ETH_MDI
O
MDIOS_
MDIO
-
LCD_R1
EVEN
TOUT
PA3
-
TIM2_C
H4
TIM5_C
H4
TIM9_CH
2
--
-
USART2
_RX
-
LCD_B2
OTG_HS_
ULPI_D0
ETH_MII_
COL
-
-
LCD_B5
EVEN
TOUT
PA4
---
-
-
SPI1_NS
S/I2S1_
WS
SPI3_NS
S/I2S3_
WS
USART2
_CK
SPI6_NS
S
--
-
OTG_HS
_SOF
DCMI_H
SYNC
LCD_VS
YNC
EVEN
TOUT
PA5
-
TIM2_C
H1/TIM2
_ETR
-
TIM8_CH
1N
-
SPI1_SC
K/I2S1_
CK
--
SPI6_SC
K
-
OTG_HS_
ULPI_CK
-
-
-
LCD_R4
EVEN
TOUT
PA6
-
TIM1_B
KIN
TIM3_C
H1
TIM8_BKI
N
-
SPI1_MI
SO
--
SPI6_MI
SO
TIM13_C
H1
--
MDIOS_
MDC
DCMI_PI
XCLK
LCD_G2
EVEN
TOUT
PA7
-
TIM1_C
H1N
TIM3_C
H2
TIM8_CH
1N
-
SPI1_M
OSI/I2S1
_SD
--
SPI6_MO
SI
TIM14_C
H1
-
ETH_MII_
RX_DV/E
TH_RMII_
CRS_DV
FMC_SD
NWE
--
EVEN
TOUT
PA8
MCO1
TIM1_C
H1
-
TIM8_BKI
N2
I2C3_SC
L
--
USART1
_CK
--
OTG_FS_
SOF
CAN3_R
X
UART7_
RX
LCD_B3
LCD_R6
EVEN
TOUT
PA9
-
TIM1_C
H2
--
I2C3_SM
BA
SPI2_SC
K/I2S2_
CK
-
USART1
_TX
--
-
-
-
DCMI_D
0
LCD_R5
EVEN
TOUT
PA10
-
TIM1_C
H3
--
-
-
-
USART1
_RX
-
LCD_B4
OTG_FS_
ID
-
MDIOS_
MDIO
DCMI_D
1
LCD_B1
EVEN
TOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com