Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F767VIT6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F767VIT6 Datasheet HTML 1Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 2Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 3Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 4Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 5Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 6Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 7Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 8Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 255 page
background image
This is information on a product in full production.
December 2016
DocID029041 Rev 4
1/255
STM32F765xx STM32F767xx
STM32F768Ax STM32F769xx
ARM®-based Cortex®-M7 32b MCU+FPU, 462DMIPS, up to 2MB Flash/512+16+4KB
RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 28 com itf, cam, LCD, DSI
Datasheet
- production data
Features
• Core: ARM® 32-bit Cortex®-M7 CPU with
DPFPU, ART Accelerator™ and L1-cache:
16 Kbytes I/D cache, allowing 0-wait state
execution from embedded Flash and external
memories, up to 216 MHz, MPU,
462 DMIPS/2.14 DMIPS/MHz (Dhrystone 2.1),
and DSP instructions.
• Memories
– Up to 2 Mbytes of Flash memory organized
into two banks allowing read-while-write
– SRAM: 512 Kbytes (including 128 Kbytes
of data TCM RAM for critical real-time data)
+ 16 Kbytes of instruction TCM RAM (for
critical real-time routines) + 4 Kbytes of
backup SRAM
– Flexible external memory controller with up
to 32-bit data bus: SRAM, PSRAM,
SDRAM/LPSDR SDRAM, NOR/NAND
memories
• Dual mode Quad-SPI
• Graphics
– Chrom-ART Accelerator™ (DMA2D),
graphical hardware accelerator enabling
enhanced graphical user interface
– Hardware JPEG codec
– LCD-TFT controller supporting up to XGA
resolution
– MIPI® DSI host controller supporting up to
720p 30 Hz resolution
• Clock, reset and supply management
– 1.7 V to 3.6 V application supply and I/Os
– POR, PDR, PVD and BOR
– Dedicated USB power
– 4-to-26 MHz crystal oscillator
– Internal 16 MHz factory-trimmed RC (1%
accuracy)
–32 kHz oscillator for RTC with calibration
– Internal 32 kHz RC with calibration
• Low-power
– Sleep, Stop and Standby modes
–VBAT supply for RTC, 32×32 bit backup
registers + 4 Kbytes backup SRAM
• 3×12-bit, 2.4 MSPS ADC: up to 24 channels
• Digital filters for sigma delta modulator
(DFSDM), 8 channels / 4 filters
• 2×12-bit D/A converters
• General-purpose DMA: 16-stream DMA
controller with FIFOs and burst support
• Up to 18 timers: up to thirteen 16-bit (1x low-
power 16-bit timer available in Stop mode) and
two 32-bit timers, each with up to 4
IC/OC/PWM or pulse counter and quadrature
(incremental) encoder input. All 15 timers
running up to 216 MHz. 2x watchdogs, SysTick
timer
• Debug mode
– SWD & JTAG interfaces
– Cortex®-M7 Trace Macrocell™
• Up to 168 I/O ports with interrupt capability
– Up to 164 fast I/Os up to 108 MHz
– Up to 166 5 V-tolerant I/Os
LQFP100 (14 × 14 mm) UFBGA176 (10 x 10 mm)
TFBGA216 (13 x 13 mm)
LQFP208 (28 x 28 mm)
WLCSP180
(0.4 mm pitch)
LQFP176 (24 × 24 mm)
LQFP144 (20 × 20 mm)
www.st.com


Similar Part No. - STM32F767VIT6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F769 STMICROELECTRONICS-STM32F769 Datasheet
3Mb / 26P
STM32 development boards
STM32F769I-DISC1 STMICROELECTRONICS-STM32F769I-DISC1 Datasheet
433Kb / 5P
Discovery kit with STM32F769NI MCU
26-Aug-2016
STM32F769I-DISCO STMICROELECTRONICS-STM32F769I-DISCO Datasheet
433Kb / 5P
Discovery kit with STM32F769NI MCU
26-Aug-2016
STM32F769I-EVAL STMICROELECTRONICS-STM32F769I-EVAL Datasheet
309Kb / 4P
Evaluation board with STM32F769NI MCU
20-Apr-2016
STM32F769I-EVAL STMICROELECTRONICS-STM32F769I-EVAL Datasheet
3Mb / 26P
STM32 development boards
More results

Similar Description - STM32F767VIT6

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64BV WINBOND-W25Q64BV Datasheet
1Mb / 61P
64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128FV WINBOND-W25Q128FV Datasheet
1Mb / 97P
SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q40BV WINBOND-W25Q40BV_12 Datasheet
1Mb / 73P
4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BV WINBOND-W25Q80BV_13 Datasheet
1Mb / 75P
8M-BIT SERIAL FLASH MEMORY WIT DUAL AND QUAD SPI
logo
Elite Semiconductor Mem...
F25L64QA ESMT-F25L64QA Datasheet
371Kb / 42P
Standard, Dual and Quad SPI
logo
STMicroelectronics
STM32F732XX STMICROELECTRONICS-STM32F732XX Datasheet
1Mb / 122P
Dual mode Quad-SPI
21-Sep-2016
STM32F777XX STMICROELECTRONICS-STM32F777XX Datasheet
3Mb / 255P
Dual mode Quad-SPI
22-Dec-2016
logo
Winbond
W25Q256FV WINBOND-W25Q256FV Datasheet
2Mb / 109P
SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com