Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F767VIT6 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 13Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 14Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 15Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 16Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 17Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 18Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 19Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 20Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 255 page
background image
Chrom-ART Accelerator™
(DMA2D)
Yes
JPEG codec
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
GPIOs
82
114
129
140
132
168
159
168
159
DFSDM1
Yes (4 filters)
12-bit ADC
Number of channels
3
16
24
12-bit DAC
Number of channels
Yes
2
Maximum CPU frequency
216 MHz(5)
Operating voltage
1.7 to 3.6 V(6)
Operating temperatures
Ambient temperatures: –40 to +85 °C /–40 to +105 °C
Junction temperature: –40 to + 125 °C
Package
LQFP100
LQFP144
WLCSP180
UFBGA176(7)
LQFP176
LQFP208
TFBGA216
1.
For the LQFP100 package, only FMC Bank1 is available. Bank1 can only support a multiplexed NOR/PSRAM memory using the NE1 Chip Select.
2.
The SPI1, SPI2 and SPI3 interfaces give the flexibility to work in an exclusive way in either the SPI mode or the I2S audio mode.
3. SDMMC2 supports a dedicated power rail for clock, command and data 0..4 lines, feature available starting from 144 pin package.
4. DSI host interface is only available on STM32F769x sales types.
5. 216 MHz maximum frequency for - 40°C to + 85°C ambient temperature range (200 MHz maximum frequency for - 40°C to + 105°C ambient temperature range).
6. VDD/VDDA minimum value of 1.7 V is obtained when the internal reset is OFF (refer to Section 2.18.2: Internal reset OFF).
7. UFBGA176 is not available for STM32F769x sales types.
Table 2. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx features and
peripheral counts (continued)
Peripherals
STM32F
765Vx
STM32F767
/769Vx
STM32F
765Zx
STM32F767
/769Zx
STM32F
769Ax
STM32F
768Ax
STM32F
765Ix
STM32F767
/769Ix
STM32F
765Bx
STM32F767
/769Bx
STM32F
765Nx
STM32F767
/769Nx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com