Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F767VIT6 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 25Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 26Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 27Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 28Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 29Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 30Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 31Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 32Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 255 page
background image
DocID029041 Rev 4
29/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Functional overview
53
Figure 5. VDDUSB connected to external power supply
The DSI (Display Serial Interface) sub-system uses several power supply pins which are
independent from the other supply pins:
•
VDDDSI is an independent DSI power supply dedicated for DSI Regulator and
MIPI D-PHY. This supply must be connected to global VDD.
•
The VCAPDSI pin is the output of DSI Regulator (1.2V) which must be connected
externally to VDD12DSI.
•
The VDD12DSI pin is used to supply the MIPI D-PHY, and to supply the clock and data
lanes pins. An external capacitor of 2.2 uF must be connected on the VDD12DSI pin.
•
The VSSDSI pin is an isolated supply ground used for DSI sub-system.
•
If the DSI functionality is not used at all, then:
–
The VDDDSI pin must be connected to global VDD.
–
The VCAPDSI pin must be connected externally to VDD12DSI but the external
capacitor is no more needed.
–
The VSSDSI pin must be grounded.
2.18
Power supply supervisor
2.18.1
Internal reset ON
On packages embedding the PDR_ON pin, the power supply supervisor is enabled by
holding PDR_ON high. On the other packages, the power supply supervisor is always
enabled.
The device has an integrated power-on reset (POR)/ power-down reset (PDR) circuitry
coupled with a Brownout reset (BOR) circuitry. At power-on, POR/PDR is always active and
ensures proper operation starting from 1.8 V. After the 1.8 V POR threshold level is
reached, the option byte loading process starts, either to confirm or modify default BOR
thresholds, or to disable BOR permanently. Three BOR thresholds are available through



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com