Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F767VIT6 Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 89Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 90Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 91Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 92Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 93Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 94Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 95Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 96Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 255 page
background image
Port A
PA11
-
TIM1_C
H4
--
-
SPI2_NS
S/I2S2_
WS
UART4_
RX
USART1
_CTS
-
CAN1_R
X
OTG_FS_
DM
-
-
-
LCD_R4
EVEN
TOUT
PA12
-
TIM1_ET
R
--
-
SPI2_SC
K/I2S2_
CK
UART4_
TX
USART1
_RTS
SAI2_FS
_B
CAN1_T
X
OTG_FS_
DP
-
-
-
LCD_R5
EVEN
TOUT
PA13
JTMS-
SWDIO
--
-
-
--
-
-
-
-
-
---
EVEN
TOUT
PA14
JTCK-
SWCLK
--
-
-
--
-
-
-
-
-
---
EVEN
TOUT
PA15
JTDI
TIM2_C
H1/TIM2
_ETR
--
HDMI-
CEC
SPI1_NS
S/I2S1_
WS
SPI3_NS
S/I2S3_
WS
SPI6_NS
S
UART4_
RTS
-
-
CAN3_TX
UART7_
TX
--
EVEN
TOUT
Port B
PB0
-
TIM1_C
H2N
TIM3_C
H3
TIM8_CH
2N
--
DFSDM1
_CKOUT
-
UART4_
CTS
LCD_R3
OTG_HS_
ULPI_D1
ETH_MII_
RXD2
-
-
LCD_G1
EVEN
TOUT
PB1
-
TIM1_C
H3N
TIM3_C
H4
TIM8_CH
3N
--
DFSDM1
_DATIN1
-
-
LCD_R6
OTG_HS_
ULPI_D2
ETH_MII_
RXD3
-
-
LCD_G0
EVEN
TOUT
PB2
-
-
-
-
-
-
SAI1_SD
_A
SPI3_MO
SI/I2S3_
SD
QUADSP
I_CLK
DFSDM1_
CKIN1
-
---
EVEN
TOUT
PB3
JTDO/T
RACES
WO
TIM2_C
H2
--
-
SPI1_SC
K/I2S1_
CK
SPI3_SC
K/I2S3_
CK
-
SPI6_SC
K
-
SDMMC2
_D2
CAN3_R
X
UART7_
RX
--
EVEN
TOUT
PB4
NJTRST
-
TIM3_C
H1
--
SPI1_MI
SO
SPI3_MI
SO
SPI2_NS
S/I2S2_
WS
SPI6_MI
SO
-
SDMMC2
_D3
CAN3_TX
UART7_
TX
--
EVEN
TOUT
PB5
-
UART5_
RX
TIM3_C
H2
-
I2C1_SM
BA
SPI1_M
OSI/I2S1
_SD
SPI3_M
OSI/I2S3
_SD
-
SPI6_MO
SI
CAN2_R
X
OTG_HS_
ULPI_D7
ETH_PPS
_OUT
FMC_SD
CKE1
DCMI_D
10
LCD_G7
EVEN
TOUT
PB6
-
UART5_
TX
TIM4_C
H1
HDMI-
CEC
I2C1_SC
L
-
DFSDM1
_DATIN5
USART1
_TX
-
CAN2_T
X
QUADSPI
_BK1_NC
S
I2C4_SC
L
FMC_SD
NE1
DCMI_D
5
-
EVEN
TOUT
Table 12. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx alternate
function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
I2C4/UA
RT5/TIM
1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/DFSDM
1/CEC
I2C1/2/3/
4/USART
1/CEC
SPI1/I2S
1/SPI2/I2
S2/SPI3/
I2S3/SPI
4/5/6
SPI2/I2S
2/SPI3/I2
S3/SAI1/
I2C4/UA
RT4/DF
SDM1
SPI2/I2S
2/SPI3/I2
S3/SPI6/
USART1/
2/3/UART
5/DFSDM
1/SPDIF
SPI6/SAI
2/USART
6/UART4/
5/7/8/OT
G_FS/SP
DIF
CAN1/2/T
IM12/13/
14/QUAD
SPI/FMC/
LCD
SAI2/QU
ADSPI/S
DMMC2/D
FSDM1/O
TG2_HS/
OTG1_FS
/LCD
I2C4/CAN
3/SDMM
C2/ETH
UART7/
FMC/SD
MMC1/M
DIOS/OT
G2_FS
DCMI/L
CD/DSI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com