Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9886/PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9886/PCB
Description  Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9886/PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9886/PCB Datasheet HTML 7Page - Analog Devices AD9886/PCB Datasheet HTML 8Page - Analog Devices AD9886/PCB Datasheet HTML 9Page - Analog Devices AD9886/PCB Datasheet HTML 10Page - Analog Devices AD9886/PCB Datasheet HTML 11Page - Analog Devices AD9886/PCB Datasheet HTML 12Page - Analog Devices AD9886/PCB Datasheet HTML 13Page - Analog Devices AD9886/PCB Datasheet HTML 14Page - Analog Devices AD9886/PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
REV. 0
AD9886
–11–
The clamp timing can be established by simply exercising the
CLAMP pin at the appropriate time (with EXTCLMP = 1).
The polarity of this signal is set by the Clamp Polarity bit.
A simpler method of clamp timing employs the AD9886 inter-
nal clamp timing generator. The Clamp Placement register is
programmed with the number of pixel times that should pass
after the trailing edge of HSYNC before clamping starts. A
second register (Clamp Duration) sets the duration of the
clamp. These are both 8-bit values, providing considerable
flexibility in clamp generation. The clamp timing is referenced
to the trailing edge of HSYNC because, although HSYNC
duration can vary widely, the back porch (black reference)
always follows HSYNC. A good starting point for establishing
clamping is to set the clamp placement to 08h (providing eight
pixel periods for the graphics signal to stabilize after sync) and
set the clamp duration to 14h (giving the clamp 20 pixel periods
to reestablish the black reference).
Clamping is accomplished by placing an appropriate charge on
the external input coupling capacitor. The value of this capaci-
tor affects the performance of the clamp. If it is too small, there
will be a significant amplitude change during a horizontal line
time (between clamping intervals). If the capacitor is too large,
it will take excessively long for the clamp to recover from a large
change in incoming signal offset. The recommended value
(47 nF) results in recovering from a step error of 100 mV to
within 1/2 LSB in 10 lines with a clamp duration of 20 pixel
periods on a 60 Hz SXGA signal.
YUV Clamping
YUV graphic signals are slightly different from RGB signals in
that the dc reference level (black level in RGB signals) can be at
the midpoint of the video signal rather than the bottom. For
these signals it can be necessary to clamp to the midscale range
of the A/D converter range (10h) rather than bottom of the A/D
converter range (00h).
Clamping to midscale rather than ground can be accomplished
by setting the clamp select bits in the series bus register. Each of
the three converters has its own selection bit so that they can be
clamped to either midscale or ground independently. These bits
are located in Register 0Fh and are Bits 0–2.
The midscale reference voltage that each A/D converter clamps
to is provided independently on the RMIDSCV, GMIDSCV, and
BMIDSCV pins. Each converter must have its own midscale refer-
ence because both offset adjustment and gain adjustment for
each converter will affect the dc level of midscale.
During clamping, each A/D converter is clamped to its respec-
tive midscale reference input. These inputs are pins RCLAMPV,
GCLAMPV, and BCLAMPV for the red, green, and blue converters
respectively. The typical connections for both RGB and YUV
clamping are shown below in Figure 2. Note: if midscale clamp-
ing is not required, all of the midscale voltage outputs should
still be connected to ground through a 0.1
µF capacitor.
RMIDSCV
RCLAMPV
GMIDSCV
GCLAMPV
BMIDSCV
BCLAMPV
0.1 F
0.1 F
0.1 F
Figure 2. Typical Clamp Configuration for RBG/YUV
Applications
Gain and Offset Control
The AD9886 can accommodate input signals with inputs rang-
ing from 0.5 V to 1.0 V full scale. The full-scale range is set in
three 8-bit registers (Red Gain, Green Gain, and Blue Gain).
Note that increasing the gain setting results in an image with
less contrast.
The offset control shifts the entire input range, resulting in a
change in image brightness. Three 7-bit registers (Red Offset,
Green Offset, Blue Offset) provide independent settings for
each channel.
The offset controls provide a
±63 LSB adjustment range. This
range is connected with the full-scale range, so if the input range
is doubled (from 0.5 V to 1.0 V) then the offset step size is also
doubled (from 2 mV per step to 4 mV per step).
Figure 3 illustrates the interaction of gain and offset controls.
The magnitude of an LSB in offset adjustment is proportional
to the full-scale range, so changing the full-scale range also
changes the offset. The change is minimal if the offset setting is
near midscale. When changing the offset, the full-scale range is
not affected, but the full-scale level is shifted by the same amount
as the zero-scale level.
GAIN
1.0V
0.0V
00h
FFh
0.5V
OFFSET = 00h
OFFSET = 3Fh
OFFSET = 7Fh
OFFSET = 00h
OFFSET = 7Fh
OFFSET = 3Fh
Figure 3. Gain and Offset Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com