Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9886/PCB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9886/PCB
Description  Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9886/PCB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9886/PCB Datasheet HTML 18Page - Analog Devices AD9886/PCB Datasheet HTML 19Page - Analog Devices AD9886/PCB Datasheet HTML 20Page - Analog Devices AD9886/PCB Datasheet HTML 21Page - Analog Devices AD9886/PCB Datasheet HTML 22Page - Analog Devices AD9886/PCB Datasheet HTML 23Page - Analog Devices AD9886/PCB Datasheet HTML 24Page - Analog Devices AD9886/PCB Datasheet HTML 25Page - Analog Devices AD9886/PCB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
REV. 0
AD9886
–22–
TWO-WIRE SERIAL CONTROL REGISTER DETAIL
CHIP IDENTIFICATION
00
7–0
Chip Revision
Bits 7 through 4 represent functional revisions to the
analog interface. Changes in these bits will generally
indicate that software and/or hardware changes will be
required for the chip to work properly. Bits 3 through 0
represent nonfunctional related revisions and are reset to
0000 whenever the MSBs are changed. Changes in these
bits are considered transparent to the user.
PLL DIVIDER CONTROL
01
7–0
PLL Divide Ratio MSBs
The eight most significant bits of the 12-bit PLL divide ratio
PLLDIV. (The operational divide ratio is PLLDIV + 1.)
The PLL derives a master clock from an incoming Hsync
signal. The master clock frequency is then divided by an
integer value, such that the output is phase-locked to
Hsync. This PLLDIV value determines the number of
pixel times (pixels plus horizontal blanking overhead) per
line. This is typically 20% to 30% more than the number
of active pixels in the display.
The 12-bit value of the PLL divider supports divide ratios
from 2 to 4095. The higher the value loaded in this regis-
ter, the higher the resulting clock frequency with respect
to a fixed Hsync frequency.
VESA has established some standard timing specifications,
which will assist in determining the value for PLLDIV as
a function of horizontal and vertical display resolution
and frame rate (Table IV).
However, many computer systems do not conform pre-
cisely to the recommendations, and these numbers should
be used only as a guide. The display system manufacturer
should provide automatic or manual means for optimizing
PLLDIV. An incorrectly set PLLDIV will usually produce
one or more vertical noise bars on the display. The greater
the error, the greater the number of bars produced.
The power-up default value of PLLDIV is 1693
(PLLDIVM = 69h, PLLDIVL = Dxh).
The AD9886 updates the full divide ratio only when the
LSBs are changed. Writing to this register by itself will not
trigger an update.
02
7–4
PLL Divide Ratio LSBs
The four least significant bits of the 12-bit PLL divide ratio
PLLDIV. The operational divide ratio is PLLDIV + 1.
The power-up default value of PLLDIV is 1693
(PLLDIVM = 69h, PLLDIVL = Dxh).
The AD9886 updates the full divide ratio only when this
register is written to.
CLOCK GENERATOR CONTROL
03
7 TEST
Set to One
03
6–5
VCO Range Select
Two bits that establish the operating range of the clock
generator.
VCORNGE must be set to correspond with the desired
operating frequency (incoming pixel rate).
The PLL gives the best jitter performance at high fre-
quencies. For this reason, in order to output low pixel
rates and still get good jitter performance, the PLL actu-
ally operates at a higher frequency but then divides down
the clock rate afterwards. Table VI shows the pixel rates
for each VCO range setting. The PLL output divisor is
automatically selected with the VCO range setting.
Table VI. VCO Ranges
VCORNGE
Pixel Rate Range
00
12–35
01
35–70
10
70–110
11
110–140
The power-up default value is = 01.
03
4–2
CURRENT Charge Pump Current
Three bits that establish the current driving the loop filter
in the clock generator.
Table VII. Charge Pump Currents
CURRENT
Current ( A)
000
50
001
100
010
150
011
250
100
350
101
500
110
750
111
1500
CURRENT must be set to correspond with the desired
operating frequency (incoming pixel rate).
The power-up default value is CURRENT = 001.
04
7–3
Clock Phase Adjust
A five-bit value that adjusts the sampling phase in 32 steps
across one pixel time. Each step represents an 11.25
° shift
in sampling phase.
The power-up default value is 16.
CLAMP TIMING
05
7–0
Clamp Placement
An eight-bit register that sets the position of the internally
generated clamp.
When EXTCLMP = 0, a clamp signal is generated inter-
nally, at a position established by the clamp placement and
for a duration set by the clamp duration. Clamping is
started (Clamp Placement) pixel periods after the trailing
edge of Hsync. The clamp placement may be programmed
to any value between 1 and 255. A value of 0 is not
supported.
The clamp should be placed during a time that the input
signal presents a stable black-level reference, usually the
back porch period between Hsync and the image.
When EXTCLMP = 1, this register is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com