Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9886/PCB Datasheet(PDF) 21 Page - Analog Devices

Part # AD9886/PCB
Description  Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9886/PCB Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9886/PCB Datasheet HTML 17Page - Analog Devices AD9886/PCB Datasheet HTML 18Page - Analog Devices AD9886/PCB Datasheet HTML 19Page - Analog Devices AD9886/PCB Datasheet HTML 20Page - Analog Devices AD9886/PCB Datasheet HTML 21Page - Analog Devices AD9886/PCB Datasheet HTML 22Page - Analog Devices AD9886/PCB Datasheet HTML 23Page - Analog Devices AD9886/PCB Datasheet HTML 24Page - Analog Devices AD9886/PCB Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
REV. 0
AD9886
–21–
Table V. Control Register Map (Continued)
Write and
Hex
Read or
Default
Register
Address
Read Only
Bits
Value
Name
Function
12H
W/R
7:0
0
*******
Active
Bit 7—AIO: Active Interface Override. If set to Logic 1, the user
Interface
can select the active interface via Bit 6. If set to Logic 0, the active
interface is selected via Bit 3 in Register 11H.
*0******
Bit 6—AIS: Active Interface Select. Logic 0 selects the analog inter-
face as active. Logic 1 selects the digital interface as active. Note:
The indicated interface will be active only if Bit 7 is set to Logic 1
or if both interfaces are active (Bits 6 or 7 and 4 = Logic 1 in
Register 11H).
**0*****
Bit 5—Active Hsync Override. If set to Logic 1, the user can select
the Hsync to be used via Bit 4. If set to Logic 0, the active interface
is selected via Bit 2 in Register 11H.
***0****
Bit 4—Active Hsync Select. Logic 0 selects Hsync as the active
sync. Logic 1 selects Sync-on-Green as the active sync. Note: The
indicated Hsync will be used only if Bit 5 is set to Logic 1 or if
both syncs are active (Bits 6, 7 = Logic 1 in Register 11H.)
****0***
Bit 3—Active Vsync Override. If set to Logic 1, the user can select
the Vsync to be used via Bit 2. If set to Logic 0, the active interface
is selected via Bit 1 in Register 11H.
*****0**
Bit 2—Active Vsync Select. Logic 0 selects Raw Vsync as the
output Vsync. Logic 1 selects Sync Separated Vsync as the output
Vsync. Note: The indicated Vsync will be used only if Bit 3 is set
to Logic 1.
******0*
Bit 1—Coast Select. Logic 0 selects the coast input pin to be used for
the PLL coast. Logic 1 selects Vsync to be used for the PLL coast.
*******1
Bit 0—
PWRDN. Full Chip Power-Down, active low. (Logic 0 =
Full Chip Power-Down, Logic 1 = Normal.)
13H
W/R
7:0
00100000
Sync
Sync Separator Threshold—Sets how many pixel clocks the sync
Separator
separator will count to before toggling high or low. This should be
Threshold
set to some number greater than the maximum Hsync or equaliza-
tion pulsewidth.
14H
W/R
7:0
***1****
Control Bits
Bit 4—Test Bit. (Must be set to 1 for proper operation of chip.)
*****0**
Bit 2—Scan Enable. (Logic 0 = Not Enabled, Logic 1 = Enabled.)
******0*
Bit 1—Coast Polarity Override. (Logic 0 = Polarity determined by
chip, Logic 1 = Polarity set by Bit 6 in Register 0Fh.)
*******0
Bit 0– Hsync Polarity Override. (Logic 0 = Polarity determined by
chip, Logic 1 = Polarity set by Bit 7 in Register 0Fh.)
15H
W/R
7:0
Test Register
Reserved for future use.
16H
W/R
7:0
Test Register
Reserved for future use.
17H
RO
7:0
Test Register
Reserved for future use.
18H
RO
7:0
Test Register
Reserved for future use.
NOTE
1The AD9886 only updates the PLL divide ratio when the LSBs are written to (Register 02h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com