Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9886/PCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9886/PCB
Description  Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9886/PCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9886/PCB Datasheet HTML 16Page - Analog Devices AD9886/PCB Datasheet HTML 17Page - Analog Devices AD9886/PCB Datasheet HTML 18Page - Analog Devices AD9886/PCB Datasheet HTML 19Page - Analog Devices AD9886/PCB Datasheet HTML 20Page - Analog Devices AD9886/PCB Datasheet HTML 21Page - Analog Devices AD9886/PCB Datasheet HTML 22Page - Analog Devices AD9886/PCB Datasheet HTML 23Page - Analog Devices AD9886/PCB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
REV. 0
AD9886
–20–
Table V. Control Register Map (Continued)
Write and
Hex
Read or
Default
Register
Address
Read Only
Bits
Value
Name
Function
0FH
W/R
7:0
1
*******
PLL and
Bit 7—HSYNC Polarity. Changes polarity of incoming Hsync
Clamp Control
signal. (Logic 0 = Active Low, Logic 1 = Active High.)
*1******
Bit 6—Coast Polarity. Changes polarity of external COAST signal.
(Logic = 0 = Active Low, Logic 1 = Active High.)
**0*****
Bit 5—Clamp Function. Chooses between HSYNC for Clamp signal
or another external signal to be used for clamping. (Logic 0 = HSYNC,
Logic 1 = Clamp.)
***1****
Bit 4—Clamp Polarity. Valid only with external CLAMP signal.
(Logic 0 = Active Low, Logic 1 selects Active High.)
****0***
Bit 3—EXTCLK. Shuts down PLL and allows external clock to drive
the part. (Logic 0 = use internal PLL, Logic 1 = bypassing of the
internal PLL.)
*****0**
Bit 2—Red Clamp Select—Logic 0 selects clamp to ground. Logic 1
selects clamp to midscale (voltage at Pin 120).
******0*
Bit 1—Green Clamp Select—Logic 0 selects clamp to ground. Logic 1
selects clamp to midscale (voltage at Pin 111).
*******0
Bit 0—Blue Clamp Select—Logic 0 selects clamp to ground. Logic 1
selects clamp to midscale (voltage at Pin 101).
10H
W/R
5:2
**11****
Bit 5, 4—Output Drive: Selects between high, medium, and low
output drive strength. (Logic 11 or 10 = High, 01 = Medium, and
00 = Low.)
****0***
Bit 3—PDO: High Impedance Outputs. (Logic 0 = Normal, Logic
1 = High Impedance.)
*****1**
Bit 2—Sync Detect (SyncDT) Polarity. This bit sets the polarity
for the SyncDT output pin. (Logic 1 = Active High, Logic 0 =
Active Low.)
11H
RO
7:1
Sync Detect/
Bit 7—Analog Interface Hsync Detect. It is set to Logic 1 if Hsync
Active
is present on the analog interface, else it is set to Logic 0.
Interface
Bit 6—Analog Interface Sync-on-Green Detect. It is set to Logic 1
if sync is present on the green video input, else it is set to 0.
Bit 5—Analog Interface Vsync Detect. It is set to Logic 1 if Vsync
is present on the analog interface, else it is set to Logic 0.
Bit 4—Digital Interface clock Detect. It is set to Logic 1 if the
clock is present on the digital interface, else it is set to Logic 0.
Bit 3—AI: Active Interface. This bit indicates which interface is
active. (Logic 0 = Digital Interface, Logic 1 = Analog Interface.)
Bit 2—AHS: Active Hsync. This bit indicates which analog HSYNC
is being used. (Logic 0 = HSYNC Input Pin, Logic 1 = HSYNC
from Sync-on-Green.)
Bit 1—AVS: Active Vsync. This bit indicates which analog VSYNC
is being used. (Logic 0 = VSYNC input pin, Logic 1 = VSYNC from
sync separator.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com