Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9886/PCB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9886/PCB
Description  Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9886/PCB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9886/PCB Datasheet HTML 9Page - Analog Devices AD9886/PCB Datasheet HTML 10Page - Analog Devices AD9886/PCB Datasheet HTML 11Page - Analog Devices AD9886/PCB Datasheet HTML 12Page - Analog Devices AD9886/PCB Datasheet HTML 13Page - Analog Devices AD9886/PCB Datasheet HTML 14Page - Analog Devices AD9886/PCB Datasheet HTML 15Page - Analog Devices AD9886/PCB Datasheet HTML 16Page - Analog Devices AD9886/PCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
REV. 0
AD9886
–13–
Table IV. Recommended VCO Range and Charge Pump Current Settings for Standard Display Formats
Refresh
Horizontal
Standard
Resolution
Rate
Frequency
Pixel Rate
VCORNGE
CURRENT
VGA
640
× 480
60 Hz
31.5 kHz
25.175 MHz
00
101
72 Hz
37.7 kHz
31.500 MHz
00
101
75 Hz
37.5 kHz
31.500 MHz
00
110
85 Hz
43.3 kHz
36.000 MHz
00
110
SVGA
800
× 600
56 Hz
35.1 kHz
36.000 MHz
00
101
60 Hz
37.9 kHz
40.000 MHz
01
101
72 Hz
48.1 kHz
50.000 MHz
01
101
75 Hz
46.9 kHz
49.500 MHz
01
101
85 Hz
53.7 kHz
56.250 MHz
01
110
XGA
1024
× 768
60 Hz
48.4 kHz
65.000 MHz
01
110
70 Hz
56.5 kHz
75.000 MHz
10
101
75 Hz
60.0 kHz
78.750 MHz
10
101
80 Hz
64.0 kHz
85.500 MHz
10
101
85 Hz
68.3 kHz
94.500 MHz
10
101
SXGA
1280
× 1024
60 Hz
64.0 kHz
108.000 MHz
10
110
75 Hz
80.0 kHz
135.000 MHz
11
110
85 Hz
91.1 kHz
157.500 MHz
*
10
110
UXGA
1600
× 1200
60 Hz
75.0 kHz
162.000 MHz
*
10
110
65 Hz
81.3 kHz
175.500 MHz
*
10
110
70 Hz
87.5 kHz
189.000 MHz
*
10
110
75 Hz
93.8 kHz
202.500 MHz
*
10
110
85 Hz
106.3 kHz
229.500 MHz
*
11
110
*Graphics sampled at one-half the incoming pixel rate using Alternate Pixel Sampling mode.
Table II. VCO Frequency Ranges
Pixel Clock
KVCO Gain
PV1
PV0
Range (MHz)
(MHz/V)
0
0
12–35
150
0
1
35–70
150
1
0
70–110
150
1
1
110–140
180
3. The 3-Bit Charge Pump Current Register. This register
allows the current that drives the low pass loop filter to be
varied. The possible current values are listed in Table III.
Table III. Charge Pump Current/Control Bits
Ip2
Ip1
Ip0
Current ( A)
00
0
50
0
0
1
100
0
1
0
150
0
1
1
250
1
0
0
350
1
0
1
500
1
1
0
750
1
1
1
1500
4. The 5-Bit Phase Adjust Register. The phase of the generated
sampling clock may be shifted to locate an optimum sam-
pling point within a clock cycle. The Phase Adjust register
provides 32 phase-shift steps of 11.25
° each. The Hsync
signal with an identical phase shift is available through the
HSOUT pin. Phase adjustment is still available if the pixel
clock is being provided externally.
The COAST pin is used to allow the PLL to continue to run
at the same frequency, in the absence of the incoming Hsync
signal. This may be used during the vertical sync period, or
any other time that the Hsync signal is unavailable. The
polarity of the COAST signal may be set through the Coast
Polarity Register. Also, the polarity of the Hsync signal may
be set through the HSYNC Polarity Register. For both
HSYNC and COAST, a value of “1” inverts the signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com