Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 98Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 99Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 100Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 101Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 102Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 103Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 104Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 105Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 255 page
background image
Port H
PH0
---
-
-
--
-
-
-
-
-
---
EVEN
TOUT
PH1
---
-
-
--
-
-
-
-
-
---
EVEN
TOUT
PH2
-
-
-
LPTIM1_I
N2
--
-
-
-
QUADSP
I_BK2_IO
0
SAI2_SC
K_B
ETH_MII_
CRS
FMC_SD
CKE0
-
LCD_R0
EVEN
TOUT
PH3
---
-
-
--
-
-
QUADSP
I_BK2_IO
1
SAI2_MC
K_B
ETH_MII_
COL
FMC_SD
NE0
-
LCD_R1
EVEN
TOUT
PH4
-
-
-
-
I2C2_SC
L
-
-
-
-
LCD_G5
OTG_HS_
ULPI_NX
T
-
-
-
LCD_G4
EVEN
TOUT
PH5
-
-
-
-
I2C2_SD
A
SPI5_NS
S
-
---
-
-
FMC_SD
NWE
--
EVEN
TOUT
PH6
-
-
-
-
I2C2_SM
BA
SPI5_SC
K
--
-
TIM12_C
H1
-
ETH_MII_
RXD2
FMC_SD
NE1
DCMI_D
8
-
EVEN
TOUT
PH7
-
-
-
-
I2C3_SC
L
SPI5_MI
SO
-
---
-
ETH_MII_
RXD3
FMC_SD
CKE1
DCMI_D
9
-
EVEN
TOUT
PH8
-
-
-
-
I2C3_SD
A
-
-
---
-
-
FMC_D1
6
DCMI_H
SYNC
LCD_R2
EVEN
TOUT
PH9
-
-
-
-
I2C3_SM
BA
--
-
-
TIM12_C
H2
--
FMC_D1
7
DCMI_D
0
LCD_R3
EVEN
TOUT
PH10
-
-
TIM5_C
H1
-
I2C4_SM
BA
-
-
---
-
-
FMC_D1
8
DCMI_D
1
LCD_R4
EVEN
TOUT
PH11
-
-
TIM5_C
H2
-
I2C4_SC
L
-
-
---
-
-
FMC_D1
9
DCMI_D
2
LCD_R5
EVEN
TOUT
PH12
-
-
TIM5_C
H3
-
I2C4_SD
A
-
-
---
-
-
FMC_D2
0
DCMI_D
3
LCD_R6
EVEN
TOUT
PH13
-
-
-
TIM8_CH
1N
--
-
-
UART4_T
X
CAN1_T
X
--
FMC_D2
1
-
LCD_G2
EVEN
TOUT
Table 12. STM32F777xx, STM32F778Ax and STM32F779xx alternate
function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
I2C4/UA
RT5/TIM
1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/DFSDM
1/CEC
I2C1/2/3/
4/USART
1/CEC
SPI1/I2S
1/SPI2/I2
S2/SPI3/
I2S3/SPI
4/5/6
SPI2/I2S
2/SPI3/I2
S3/SAI1/
I2C4/UA
RT4/DF
SDM1
SPI2/I2S
2/SPI3/I2
S3/SPI6/
USART1/
2/3/UART
5/DFSDM
1/SPDIF
SPI6/SAI
2/USART
6/UART4/
5/7/8/OT
G_FS/SP
DIF
CAN1/2/T
IM12/13/
14/QUAD
SPI/FMC/
LCD
SAI2/QU
ADSPI/S
DMMC2/D
FSDM1/O
TG2_HS/
OTG1_FS
/LCD
I2C4/CAN
3/SDMM
C2/ETH
UART7/
FMC/SD
MMC1/M
DIOS/OT
G2_FS
DCMI/L
CD/DSI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com