Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 99Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 100Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 101Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 102Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 103Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 104Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 105Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 106Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 255 page
background image
Port H
PH14
-
-
-
TIM8_CH
2N
--
-
-
UART4_
RX
CAN1_R
X
--
FMC_D2
2
DCMI_D
4
LCD_G3
EVEN
TOUT
PH15
-
-
-
TIM8_CH
3N
-
-
-
---
-
-
FMC_D2
3
DCMI_D
11
LCD_G4
EVEN
TOUT
Port I
PI0
-
-
TIM5_C
H4
--
SPI2_NS
S/I2S2_
WS
-
---
-
-
FMC_D2
4
DCMI_D
13
LCD_G5
EVEN
TOUT
PI1
-
-
-
TIM8_BKI
N2
-
SPI2_SC
K/I2S2_
CK
-
---
-
-
FMC_D2
5
DCMI_D
8
LCD_G6
EVEN
TOUT
PI2
-
-
-
TIM8_CH
4
-
SPI2_MI
SO
-
---
-
-
FMC_D2
6
DCMI_D
9
LCD_G7
EVEN
TOUT
PI3
-
-
-
TIM8_ET
R
-
SPI2_M
OSI/I2S2
_SD
-
---
-
-
FMC_D2
7
DCMI_D
10
-
EVEN
TOUT
PI4
-
-
-
TIM8_BKI
N
-
-
-
---
SAI2_MC
K_A
-
FMC_NB
L2
DCMI_D
5
LCD_B4
EVEN
TOUT
PI5
-
-
-
TIM8_CH
1
-
-
-
---
SAI2_SC
K_A
-
FMC_NB
L3
DCMI_V
SYNC
LCD_B5
EVEN
TOUT
PI6
-
-
-
TIM8_CH
2
-
-
-
---
SAI2_SD_
A
-
FMC_D2
8
DCMI_D
6
LCD_B6
EVEN
TOUT
PI7
-
-
-
TIM8_CH
3
-
-
-
---
SAI2_FS_
A
-
FMC_D2
9
DCMI_D
7
LCD_B7
EVEN
TOUT
PI8
---
-
-
--
-
-
-
-
-
---
EVEN
TOUT
PI9
---
-
-
--
-
UART4_
RX
CAN1_R
X
--
FMC_D3
0
-
LCD_VS
YNC
EVEN
TOUT
PI10
-
-
-
-
-
-
-
-
-
-
-
ETH_MII_
RX_ER
FMC_D3
1
-
LCD_HS
YNC
EVEN
TOUT
PI11
-
-
-
-
-
-
-
-
-
LCD_G6
OTG_HS_
ULPI_DIR
-
---
EVEN
TOUT
Table 12. STM32F777xx, STM32F778Ax and STM32F779xx alternate
function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
I2C4/UA
RT5/TIM
1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/DFSDM
1/CEC
I2C1/2/3/
4/USART
1/CEC
SPI1/I2S
1/SPI2/I2
S2/SPI3/
I2S3/SPI
4/5/6
SPI2/I2S
2/SPI3/I2
S3/SAI1/
I2C4/UA
RT4/DF
SDM1
SPI2/I2S
2/SPI3/I2
S3/SPI6/
USART1/
2/3/UART
5/DFSDM
1/SPDIF
SPI6/SAI
2/USART
6/UART4/
5/7/8/OT
G_FS/SP
DIF
CAN1/2/T
IM12/13/
14/QUAD
SPI/FMC/
LCD
SAI2/QU
ADSPI/S
DMMC2/D
FSDM1/O
TG2_HS/
OTG1_FS
/LCD
I2C4/CAN
3/SDMM
C2/ETH
UART7/
FMC/SD
MMC1/M
DIOS/OT
G2_FS
DCMI/L
CD/DSI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com