Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 112Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 113Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 114Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 115Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 116Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 117Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 118Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 119Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 255 page
background image
Electrical characteristics
STM32F777xx STM32F778Ax STM32F779xx
116/255
DocID028294 Rev 4
5.3
Operating conditions
5.3.1
General operating conditions
Table 17. General operating conditions
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
fHCLK
Internal AHB clock frequency
Power Scale 3 (VOS[1:0] bits in
PWR_CR register = 0x01), Regulator
ON, over-drive OFF
0
-
144
MHz
Power Scale 2 (VOS[1:0] bits
in PWR_CR register = 0x10),
Regulator ON
Over-
drive
OFF
0
-168
Over-
drive
ON
-180
Power Scale 1 (VOS[1:0] bits
in PWR_CR register= 0x11),
Regulator ON
Over-
drive
OFF
0
-180
Over-
drive
ON
-
216(2)
fPCLK1
Internal APB1 clock frequency
Over-drive OFF
0
-
45
Over-drive ON
0
-
54
fPCLK2
Internal APB2 clock frequency
Over-drive OFF
0
-
90
Over-drive ON
0
-
108
VDD
Standard operating voltage
-
1.7(3)
-
3.6
V
VDDA(4)(5)
Analog operating voltage
(ADC limited to 1.2 M samples)
Must be the same potential as VDD(6)
1.7(3)
-
2.4
Analog operating voltage
(ADC limited to 2.4 M samples)
2.4
-
3.6
VDDUSB
USB supply voltage (supply
voltage for PA11,PA12, PB14
and PB15 pins)
USB not used
1.7
3.3
3.6
USB used
3.0
-
3.6
VBAT
Backup operating voltage
-
1.65
-
3.6
VDDSDMMC
SDMMC2 supply voltage (supply
voltage for PG[12:9] and PD6
pins)
It can be different from VDD
1.7
-
3.6
VDDDSI
DSI system operating
-
1.7
-
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com