Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY7 Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 113Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 114Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 115Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 116Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 117Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 118Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 119Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 120Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 255 page
background image
DocID028294 Rev 4
117/255
STM32F777xx STM32F778Ax STM32F779xx
Electrical characteristics
224
V12
Regulator ON: 1.2 V internal
voltage on VCAP_1/VCAP_2 pins
Power Scale 3 ((VOS[1:0] bits in
PWR_CR register = 0x01), 144 MHz
HCLK max frequency
1.08 1.14
1.20
V
Power Scale 2 ((VOS[1:0] bits in
PWR_CR register = 0x10), 168 MHz
HCLK max frequency with over-drive
OFF or 180 MHz with over-drive ON
1.20 1.26
1.32
Power Scale 1 ((VOS[1:0] bits in
PWR_CR register = 0x11), 180 MHz
HCLK max frequency with over-drive
OFF or 216 MHz with over-drive ON
1.26 1.32
1.40
Regulator OFF: 1.2 V external
voltage must be supplied from
external regulator on
VCAP_1/VCAP_2 pins(7)
Max frequency 144 MHz
1.10 1.14
1.20
Max frequency 168MHz
1.20 1.26
1.32
Max frequency 180 MHz
1.26 1.32
1.38
VIN
Input voltage on RST and FT
pins(8)
2 V
≤ VDD ≤ 3.6 V
0.3
-
5.5
VDD ≤ 2 V
0.3
-
5.2
Input voltage on TTa pins
-
0.3
-
VDDA+
0.3
Input voltage on BOOT pin
-
0
-
9
PD
Power dissipation at TA = 85 °C
for suffix 6 or TA = 105 °C for
suffix 7(9)
LQFP100
-
-
465
mW
WLCSP180
-
-
641
LQFP144
-
-
500
LQFP176
-
-
526
UFBGA176
-
-
513
LQFP208
-
-
1053
TFBGA216
-
-
690
TA
Ambient temperature for 6 suffix
version
Maximum power dissipation
40
-
85
°C
Low power dissipation(10)
40
-
105
Ambient temperature for 7 suffix
version
Maximum power dissipation
40
-
105
°C
Low power dissipation(10)
40
-
125
TJ
Junction temperature range
6 suffix version
40
-
105
°C
7 suffix version
40
-
125
1. The over-drive mode is not supported at the voltage ranges from 1.7 to 2.1 V.
2. 216 MHz maximum frequency for 6 suffix version (200 MHz maximum frequency for 7 suffix version).
3. VDD/VDDA minimum value of 1.7 V is obtained with the use of an external power supply supervisor (refer to Section 2.18.2:
Internal reset OFF).
4. When the ADC is used, refer to Table 71: ADC characteristics.
5. If VREF+ pin is present, it must respect the following condition: VDDA-VREF+ < 1.2 V.
6. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and
VDDA can be tolerated during power-up and power-down operation.
Table 17. General operating conditions (continued)
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com