Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3404 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3404
Description  Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3404 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  TP3404 Datasheet HTML 1Page - National Semiconductor (TI) TP3404 Datasheet HTML 2Page - National Semiconductor (TI) TP3404 Datasheet HTML 3Page - National Semiconductor (TI) TP3404 Datasheet HTML 4Page - National Semiconductor (TI) TP3404 Datasheet HTML 5Page - National Semiconductor (TI) TP3404 Datasheet HTML 6Page - National Semiconductor (TI) TP3404 Datasheet HTML 7Page - National Semiconductor (TI) TP3404 Datasheet HTML 8Page - National Semiconductor (TI) TP3404 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Electrical Characteristics Unless otherwise specified limits printed in BOLD characters are guaranteed for
VCCA e VCCD e 5V g5% TA e 0 Cto a70 C Typical characteristics are specified at VDDA e VDDD e 50V TA e 25 C All
signals are referenced to GND which is the common of GNDA and GNDD (Continued)
TIMING SPECIFICATIONS
(Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIGITAL INTERFACE TIMING
fBCLK
BCLK Frequency
4096
41
MHz
tWBH
Clock Pulse Width High
Measured from VIH to VIH
70
ns
tWBL
and Low for BCLK
Measured from VIL to VIL
70
tRB
Rise Time and Fall Time
Measured from VIL to VIH
15
ns
tFB
of BCLK
Measured from VIH to VIL
15
tHBM
BCLK Transition to MCLK High or Low
b
30
30
ns
tSFC
Set up Time FS Valid to BCLK Invalid
20
4ns
tHCF
Hold Time BCLK Low to FS Invalid
40
30
ns
tSBC
Setup Time BI Valid to BCLK Invalid
30
11
ns
tHCB
Hold Time BCLK Valid to BI Invalid
40
7ns
tSDC
Setup Time DI Valid to BCLK Low
30
ns
tHCD
Hold Time BCLK Low to DI Invalid
40
ns
tDCB
Delay Time BCLK High to BO Valid
Load e 2 LSTTL a 100 pF
80
ns
tDCBZ
Delay Time BCLK Low to BO High-Z
80
120
ns
tDCD
Delay Time BCLK High to DO valid
Load e 2 LSTTL a 100 pF
80
ns
tDCZ
Delay Time BCLK Low to DO High
40
120
ns
Impedance
tDCT
Delay Time BCLK High to TSB Low
120
ns
tZBT
Disable Time BCLK Low to TSB High-Z
120
ns
MICROWIRE CONTROL INTERFACE TIMING
fCCLK
Frequency of CCLK
21
MHz
tCH
Period of CCLK High
Measured from VIH to VIH
150
ns
tCL
Period of CCLK Low
Measured from VIL to VIL
150
ns
tSSC
Setup Time CS Low to CCLK High
50
ns
tHCS
Hold Time CCLK High to CS Transition
40
ns
tSIC
Setup Time CI Valid to CCLK High
50
ns
tHCI
Hold Time CCLK High to CI Invalid
20
ns
tDCO
Delay Time CCLK Low to CO Valid
80
ns
tDSOZ
Delay Time CS High to CO High-Z
80
ns
tDCIZ
Delay Time CCLK to INT High-Z
100
ns
Notes
For the purposes of this specification the following conditions apply
a All input signals are defined as VIL e 04V VIH e 27V tr k 10 ns tf k 10 ns
b Delay times are measured from the input signal Valid to the output signal Valid
c Setup times are measured from the Data input Valid to the clock input Invalid
d Hold times are measured from the clock signal Valid to the Data input Invalid
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com