Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3404 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3404
Description  Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3404 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button TP3404 Datasheet HTML 4Page - National Semiconductor (TI) TP3404 Datasheet HTML 5Page - National Semiconductor (TI) TP3404 Datasheet HTML 6Page - National Semiconductor (TI) TP3404 Datasheet HTML 7Page - National Semiconductor (TI) TP3404 Datasheet HTML 8Page - National Semiconductor (TI) TP3404 Datasheet HTML 9Page - National Semiconductor (TI) TP3404 Datasheet HTML 10Page - National Semiconductor (TI) TP3404 Datasheet HTML 11Page - National Semiconductor (TI) TP3404 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Functional Description (Continued)
LINE CONTROL REGISTERS CTRLN
Each of the 4 transceivers has a Line Control Register
CTRL0 – CTRL3 which provides for control of loop activa-
tion Ioopbacks Interrupt enabling and D channel interface
enabling Table 3 lists the functions
POWER ON INITIALIZATION
Following the initial application of power the QDASL enters
the power-down (de-activated) state in which all the internal
circuits are inactive and in a low power state except for a
Line-Signal Detect Circuit for each of the 4 lines and the
necessary bias circuits The 4 line outputs Lo0 – Lo3 are in
a high impedance state and all digital outputs are inactive
All bits in the Line Control Registers power-up initially set to
‘‘0’’ While powered-down each Line-Signal Detect Circuit
continually monitors its line to detect if the far-end initiates
loop transmission
POWER-UPDOWN CONTROL
To power-up the device and initiate activation bit C7 in any
of the 4 Line Control Registers must be set high see Table
III Setting C7 low de-activates the loop or puts the channel
in power-down state During power-down state internal reg-
ister data is retained and still can be accessed
LOOPBACKS
Four different loopbacks can be set for each line They are
enabled and disabled by setting the corresponding bits in
the Control Register see Table III In addition a line must
be activated to see the effect of loopback commands
1 2BaD Line Loopback
When bit 5 is set to 1 this loop will transfer all three
channels B1 B2 and D that are received at the Li pin
back to the Lo pin Data out on BODO is still the same
as received at the Li input
2 B1 Line Loopback
When bit 4 is set high the loop path is the same as (1)
but only data on the B1 channel is looped back to the
line Transmit data in the B2 and D channels is from the
BiDI pins
3 B2 Line Loopback
As (2) but for the B2 channel
4 2BaD Digital Loopback
This loop will transfer all data (2BaD) received at BIDI
back to BODO The data is also transmitted to the line
TIME-SLOT ASSIGNMENT
The digital interface of the QDASL uses time-division multi-
plexing with data framed in up to 64 possible 8-bit time-
slots per 125 ms frame Channels B1 and B2 for all 4 lines
are clocked in (towards the line) at the BI pin and clocked
out (from the line) at the BO pin A separate port is provided
for the D channel data for all 4 lines which is clocked in on
DI and out on DO In addition to time-slot assignment D
channel data may be assigned into 2-bit sub-slots within
each time slot with up to 256 sub-slots per frame (with
BCLK e 4096 MHz) Each frame starts with the first posi-
tive edge of BCLK after the FS signal goes high and count-
ing of timeslots starts from zero at the beginning of the
frame
Figure 4 shows the timing with some example time-
slot assignments
For each of the 4 QDASL lines there are 6 Time-Slot As-
signment control registers one each for transmit and re-
ceive B1 B2 and D channels Selection of time-slots for
transmit data into the BI or DI pin is made by writing the
timeslot number (in Hex notation) into the appropriate TSX
register TSXB1 is the time-slot assignment for the transmit
B1 TSXB2 is the time-slot assignment register for the trans-
mit B2 channel and TSXD is the sub-slot assignment regis-
ter for the transmit D channel
TABLE III Byte 2 of Control Register (CTRLN)
Bit Number
Function
76543210
0
Deactivate Line
1
Activate Line
0
Disable Digital Loopback
1
Enable 2BaD Digital Loopback
0
Disable Line Loopback
1
Enable 2BaD Line Loopback
0
Disable B1 Line Loopback
1
Enable B1 Line Loopback
0
Disable B2 Line Loopback
1
Enable B2 Line Loopback
0
Disable Interrupt from this Line
1
Enable Interrupt from this Line
0
D Channel enabled from DO to Line
1
D Channel disabled from DO to Line
0
D Channel enabled from Line to DI
1
D Channel disabled from Line to DI
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com