Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3404 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3404
Description  Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3404 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  TP3404 Datasheet HTML 1Page - National Semiconductor (TI) TP3404 Datasheet HTML 2Page - National Semiconductor (TI) TP3404 Datasheet HTML 3Page - National Semiconductor (TI) TP3404 Datasheet HTML 4Page - National Semiconductor (TI) TP3404 Datasheet HTML 5Page - National Semiconductor (TI) TP3404 Datasheet HTML 6Page - National Semiconductor (TI) TP3404 Datasheet HTML 7Page - National Semiconductor (TI) TP3404 Datasheet HTML 8Page - National Semiconductor (TI) TP3404 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VDDA VDDD to GNDAGNDD
7V
Voltage at Any Li Lo Pin
VCC a 1V to GND b 1V
Current at Any Lo
g
100 mA
Voltage at Any Digital Input
VCC a 1V to GND b 1V
Current at Any Digital Output
g
50 mA
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
300 C
Electrical Characteristics Unless otherwise specified limits printed in BOLD characters are guaranteed for
VCCA e VCCD e 5V g5% TA e 0 Cto a70 C Typical characteristics are specified at VDDA e VDDD e 50V TA e 25 C All
signals are referenced to GND which is the common of GNDA and GNDD
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIGITAL INTERFACES
VIH
Input High Voltage
All Digital Inputs (DC)
2
V
VIL
Input Low Voltage
All Digital Inputs (DC)
08
V
VOH
Output High Voltage
IL ea1mA
24
V
VOL
Output Low Voltage
IL eb1mA
04
V
IIL
Input Low Current
All Digital Input GND k VIN k VIL
b
10
10
m
A
IIH
Input High Current
All Digital Input VIH k VIN k VCC
b
10
10
m
A
IOZ
Output Current in High Impedance
BO CO and DO
b
10
10
m
A
(TRl-STATE )
LINE INTERFACES
RLi
Input Resistance
0V k VLi k VCC
20
kX
CLLo
Load Capacitance
From Lo to GND
200
pF
ROLS
Output Resistance
Load e 60X in Series with 2 mF to GND
3
X
VDC
Mean DC Voltage at Lo
Load e 200X in Series with 2 mFtoGND
175
225
V
Voltage at LSa LSb
POWER DISSIPATION
ICC0
Power Down Current
BCLK e 0 Hz MCLK e 0 Hz CCLK e 0Hz
10
mA
ICC1
Power Up Current
All 4 Channels Activated
75
mA
TRANSMISSION PERFORMANCE
Transmit Pulse Amplitude at Lo
RL e 200X in Series with 2 mF to GND
11
13
15
Vpk
Input Pulse Amplitude at Li
g
60
mVpk
TIMING SPECIFICATIONS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MASTER CLOCK INPUT SPECIFICATIONS
fMCLK
Frequency of MCLK
4096
MHz
Master Clock Tolerance
Relative 2X MCLK in Slave
b
100
a
100
ppm
tWMH
Period of MCLK High
Measured from VIH to VIH
70
ns
tWML
Period of MCLK Low
Measured from VIL to VIL
70
ns
tRM
Rise Time of MCLK
Measured from VIL to VIH
15
ns
tFM
Fall Time of MCLK
Measured from VIH to VIL
15
ns
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com