Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3404 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3404
Description  Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3404 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  TP3404 Datasheet HTML 1Page - National Semiconductor (TI) TP3404 Datasheet HTML 2Page - National Semiconductor (TI) TP3404 Datasheet HTML 3Page - National Semiconductor (TI) TP3404 Datasheet HTML 4Page - National Semiconductor (TI) TP3404 Datasheet HTML 5Page - National Semiconductor (TI) TP3404 Datasheet HTML 6Page - National Semiconductor (TI) TP3404 Datasheet HTML 7Page - National Semiconductor (TI) TP3404 Datasheet HTML 8Page - National Semiconductor (TI) TP3404 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Pin Descriptions
Pin
Pin
Description
No
Name
1
GNDA
Analog Ground or 0V All analog signals are referenced to this pin
15
GNDD
Digital Ground 0V It must connect to GNDA with a shortest possible trace This can be done directly
underneath the part
28
VDDA
Positive power supply input to QDASL analog section It must be 5V g5%
16
VDDD
Positive power supply input to QDASL digital section It must be 5V g5% and connect to VDDA with the
shortest possible trace This can be done directly underneath the part
11
FS
Frame Sync input this signal is the 8 kHz clock which defines the start of the transmit and receive frames at the
digital interfaces
9
MCLK
This pin is the 4096 MHz Master Clock input which requires a CMOS logic level clock from a stable source
MCLK must be synchronous with BCLK
10
BCLK
Bit Clock logic input which determines the data shift rate for B and D channel data at the BI BO DI and DO
pins BCLK may be any multiple of 8 kHz from 256 kHz to 4096 MHz but must be synchronous with MCLK
12
BI
Time-division multiplexed input for B1 and B2 channel data to be transmitted to the 4 lines Data on this pin is
shifted in on the failing edge of BCLK into the B1 and B2 channels during the selected transmit time-slots
13
BO
Time-division multiplexed receive data output bus B1 and B2 channel data from all 4 lines is shifted out on the
rising edge of BCLK on this pin during the assigned receive time-slots At all other times this output is
TRI-STATE (high impedance)
14
TSB
This pin is an open-drain output which is normally high impedance but pulls low during any active B channel
receive time slots at the BO pin
7
DI
Time-division multiplexed input for D channel data to be transmitted to the 4 lines Data on this pin is shifted in
on the failing edge of BCLK into the D channel during the selected transmit sub-time-slots
8
DO
Time-division multiplexed output for D channel data received from the 4 lines Data on this pin is shifted out on
the rising edge of BCLK during the selected receive sub-time-slot
19
CCLK
Microwire Control Clock input This clock shifts serial control information into CI and out from CO when the CS
input is low depending on the current instruction CCLK may be asynchronous with the other system clocks
21
CI
Control data Input Serial control information is shifted into the QDASL on this pin on the rising edges of CCLK
when CS is low
17
INT
Interrupt request output a latched output signal which is normally high impedance and goes low to indicate a
change of status of any of the 4 loop transmission systems This latch is cleared when the Status Register is
read by the microprocessor Bipolar Violation does not effect this output
20
CO
Control data Output Serial controlstatus information is shifted out from the QDASL on this pin on the falling
edges of CCLK when CS is low
18
CS
Chip Select input When this pin is pulled low the Microwire interface is enabled to allow control information to
be written in to and out from the device via the CI and CO ins When high this pin inhibits the Microwire
interface
4
Lo0
Line driver transmit outputs for the 4 transmission channels Each output is an amplifier intended to drive a
transformer
3
Lo1
26
Lo2
25
Lo3
5
Li0
Line receive amplifier inputs for the 4 transmission channels Each Li pin is a self-biased high impedance input
which should be connected to the transformer via the recommended line interface circuit
2
Li1
27
Li2
24
Li3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com