Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3404 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3404
Description  Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3404 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TP3404 Datasheet HTML 1Page - National Semiconductor (TI) TP3404 Datasheet HTML 2Page - National Semiconductor (TI) TP3404 Datasheet HTML 3Page - National Semiconductor (TI) TP3404 Datasheet HTML 4Page - National Semiconductor (TI) TP3404 Datasheet HTML 5Page - National Semiconductor (TI) TP3404 Datasheet HTML 6Page - National Semiconductor (TI) TP3404 Datasheet HTML 7Page - National Semiconductor (TI) TP3404 Datasheet HTML 8Page - National Semiconductor (TI) TP3404 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH11924
PRELIMINARY
July 1994
TP3404
Quad Digital Adapter for Subscriber Loops (QDASL)
General Description
The TP3404 is a combination 4-line transceiver for voice
and data transmission on twisted pair subscriber loops typi-
cally in PBX line card applications It is a companion device
to the TP340123 DASL single-channel transceivers In
addition to 4 independent transceivers a time-slot assign-
ment circuit is included to support interfacing to the system
backplane
Each QDASL line operates as an ISDN ‘‘U’’ Interface for
short loop applications typically in a PBX environment pro-
viding transmission for 2 B channels and 1 D channel
Full-duplex transmission at 144 kbs is achieved on single
twisted wire pairs using a burst-mode technique (Time Com-
pression Multiplexed) All timing sequences necessary for
loop activation and de-activation are generated on-chip
Alternate Mark Inversion (AMI) line coding is used to ensure
low error rates in the presence of noise with lower emi radia-
tion than other codes such as Biphase (Manchester) On
24 AWG cable the range is at least 18 km (6k ft)
Features
4 COMPLETE ISDN PBX 2-WIRE DATA TRANSCEIVERS
INCLUDING
Y
Quad 2 B plus D channel interface for PBX ‘‘U’’
interface
Y
144 kbs full-duplex on 1 twisted pair using Burst Mode
Transmission Technique
Y
Loop range up to 6 kft ( 24AWG)
Y
Alternate Mark Inversion coding with transmit Pulse
Shaping DAC Smoothing Filter and scrambler for low
emi radiation
Y
Adaptive line equalizer
Y
On-chip timing recovery no external components
Y
Programmable Time-Slot Assignment TDM interface for
B channels
Y
Separate interface for D channel with Programmable
Sub-Slot Assignment
Y
4096 MHz master clock
Y
4 loop-back test modes
Y
MICROWIRETM compatible serial control interface
Y
5V operation
Y
28-pin PLCC package
Block Diagram
TLH11924 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIRETM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - TP3404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP3404 TI1-TP3404 Datasheet
397Kb / 19P
TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
TP3404V/63SN TI1-TP3404V/63SN Datasheet
397Kb / 19P
TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
TP3404V/NOPB TI1-TP3404V/NOPB Datasheet
397Kb / 19P
TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
TP3404 TI1-TP3404_14 Datasheet
397Kb / 19P
TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
More results

Similar Description - TP3404

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3406 NSC-TP3406 Datasheet
234Kb / 16P
DASL Digital Adapter for Subscriber Loops
logo
Advanced Micro Devices
AM79C30A AMD-AM79C30A Datasheet
1Mb / 101P
Digital Subscriber Controller??(DSC?? Circuit
logo
National Semiconductor ...
TP3401 NSC-TP3401 Datasheet
249Kb / 16P
DASL Digital Adapter for Subscriber Loops
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
List of Unclassifed Man...
CPF105C ETC1-CPF105C Datasheet
57Kb / 10P
Asymmetric Digital Subscriber Line
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Texas Instruments
TP3401 TI1-TP3401_12 Datasheet
233Kb / 17P
DASL Digital Adapter for Subscriber Loops
TP3404 TI1-TP3404_14 Datasheet
397Kb / 19P
TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com