Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS6420
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS6420 Datasheet HTML 8Page - Cirrus Logic CS6420 Datasheet HTML 9Page - Cirrus Logic CS6420 Datasheet HTML 10Page - Cirrus Logic CS6420 Datasheet HTML 11Page - Cirrus Logic CS6420 Datasheet HTML 12Page - Cirrus Logic CS6420 Datasheet HTML 13Page - Cirrus Logic CS6420 Datasheet HTML 14Page - Cirrus Logic CS6420 Datasheet HTML 15Page - Cirrus Logic CS6420 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
CS6420
12
DS205PP2
Register 0
* Denotes reset value
Table 3. Register 0 Bit Definitions
Mic - Microphone Preamplifier Enable
The microphone preamplifier described in the
Acoustic Interface section is enabled by default, but
may be disabled by setting Mic to 0. Refer to the
Acoustic Interface section for more details on us-
ing/disabling the Microphone Preamplifier.
TSD - Transmit Suppression Disable
The Transmit Supplementary Echo Suppression
function is a non-linear echo control mechanism.
The Transmit Suppression will introduce TSAtt
(see Register 3) dB of attenuation into the transmit
path only when there is speech detected in the re-
ceive path and no near-end speech. When only
near-end speech is present, or if there is no speech
in either direction, the suppression attenuation is
removed. By default, the transmit suppression
function is enabled.
GB - Graded Beta
The room-size adjustment scheme called “graded
beta,” provided for the acoustic echo canceller in the
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Mic
TSD
GB
ACC
RVol
TGain
0
0
0
1
0
10
00
00100
00
0
0
0
Bits
Name
Function
Word
Operation
15
Mic
Microphone Preamplifier Enable
0
1*
disable preamp
enable preamp
14
TSD
Tx Suppression Disable
0*
1
enable Tx suppression
disable Tx suppression
13-12
GB
Graded Beta
00
01
10*
11
0.00 dB/ms
0.75 dB/ms
0.38 dB/ms
0.19 dB/ms
11-10
ACC
AEC Coefficient Control
00*
01
10
11
Normal
Clear
Freeze
reserved
9-5
RVol
Rx Volume Control
00000
00001
---
00100*
---
01010
01011
---
11101
11110
11111
+30 dB
+27 dB
+18 dB
+0 dB
-3 dB
-57 dB
-60 dB
mute
4-3
TGain
Tx Analog Gain
00*
01
10
11
0 dB
6 dB
9.5 dB
12 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com