Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS6420
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS6420 Datasheet HTML 35Page - Cirrus Logic CS6420 Datasheet HTML 36Page - Cirrus Logic CS6420 Datasheet HTML 37Page - Cirrus Logic CS6420 Datasheet HTML 38Page - Cirrus Logic CS6420 Datasheet HTML 39Page - Cirrus Logic CS6420 Datasheet HTML 40Page - Cirrus Logic CS6420 Datasheet HTML 41Page - Cirrus Logic CS6420 Datasheet HTML 42Page - Cirrus Logic CS6420 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CDB6420
CS6420 Evaluation Board
Features
l Small size of important board components
eases system integration
l Speaker driver included
l Microphone bias circuitry provided
l Easy connection to PC Parallel Port
l Windows-based control software included
l Analog and Digital Patch Area
l Includes Evaluation Board, 3 1/2” Software
Diskette, and 25-Pin D Connection Cable.
Description
The CDB6420 allows an end-user to quickly and easily
integrate the CS6420 Full-Duplex Speakerphone IC into
a system and evaluate its performance.
The board
comes with software which allows the registers of the
CS6420 to be manipulated from a personal computer
running Windows. Evaluation requires a +5 V power
supply. Connections for analog audio sources are pro-
vided on the board.
The CDB6420 includes a business card-sized section
which contains the CS6420 and all the elements neces-
sary to provide a speakerphone interface. This section
is available for direct insertion into a target system, if the
target system can provide the signals required by the
CS6420 Network Interface.
ORDERING INFORMATION
CDB6420
Evaluation Board
Digital
Patch Area
Analog
Patch Area
Parallel
Port
Connector
4
B
U
F
F
E
R
CS6420
AGND +5VA
NO
AO
SPEAKER
APO_IN
NI
API
APO
NI
NO
AO
BIAS
4
MICIN
JUN ‘97
DS205DB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com