Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS6420
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420 Datasheet(HTML) 5 Page - Cirrus Logic

  CS6420 Datasheet HTML 1Page - Cirrus Logic CS6420 Datasheet HTML 2Page - Cirrus Logic CS6420 Datasheet HTML 3Page - Cirrus Logic CS6420 Datasheet HTML 4Page - Cirrus Logic CS6420 Datasheet HTML 5Page - Cirrus Logic CS6420 Datasheet HTML 6Page - Cirrus Logic CS6420 Datasheet HTML 7Page - Cirrus Logic CS6420 Datasheet HTML 8Page - Cirrus Logic CS6420 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
CS6420
DS205PP2
5
ANALOG TRANSMISSION CHARACTERISTICS (T
A = 25°C, DVDD = AVDD = 5V, fXTAL =
20.480 MHz, RVol=TVol=RGain=TGain= 0 dB, HD=TSD=RSD=1, analog inputs and ouputs loaded with resistors
and capacitors as shown in the typical connection diagram, Figure 2)
Parameter
Symbol
Min
Typ
Max
Units
Idle Channel Noise
A-weighted (0-20 kHz)
(Inputs grounded
C-Message weighted (0-4 kHz)
through a capacitor)
Psophometrically weighted (0-4 kHz)
17
-67
-69
dBV
dBrnC0
dBm0p
Signal-to-Noise Ratio
A-weighted (0-20 kHz)
(Full Scale, 1 kHz
C-Message weighted (0-4 kHz)
sine wave input)
Psophometrically weighted (0-4 kHz)
SNR
69
17
-67
dB
dBrnC0
dBm0p
Total Harmonic Distortion
C-Message Weighted (0-4 kHz)
THD
0.1
%
Programmable Gain
RGain/TGain = 00
RGain/TGain = 01
RGain/TGain = 10
RGain/TGain = 11
0
6
9.5
12
dB
Volume Control Stepsize (TVol/RVol)
3
dB
ADC Full-scale Voltage Input
0.9
1.0
Vrms
DAC Full-scale Voltage Output
1.0
1.1
Vrms
ADC Noise Floor
C-Message Weighted (0-4 kHz)
-80
dBV
DAC Noise Floor, DAC muted C-Message Weighted (0-4 kHz)
-85
dBV
MICROPHONE AMPLIFIER (T
A = 25°C, DVDD = AVDD = 5V,fXTAL = 20.480 MHz)
Parameter
Symbol
Min
Typ
Max
Units
Gain (Zsource = 50
Ω)
Amic
34
dB
Signal-to-Noise Ratio
A-weighted (0-20 kHz)
SNRm
63
dB
Input Impedance
Zinm
5k
Ω
Input Offset Voltage
Voffm
2.12
V
DIGITAL CHARACTERISTICS (T
A = 25°C, DVDD = AVDD = 5V,fXTAL = 20.480 MHz)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
DVDD-1.0
V
Low-Level Input Voltage
VIL
1.0
V
Input Leakage Current
Ileak
10
µA
Input Capacitance
CIN
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com