Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS6420
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS6420 Datasheet HTML 16Page - Cirrus Logic CS6420 Datasheet HTML 17Page - Cirrus Logic CS6420 Datasheet HTML 18Page - Cirrus Logic CS6420 Datasheet HTML 19Page - Cirrus Logic CS6420 Datasheet HTML 20Page - Cirrus Logic CS6420 Datasheet HTML 21Page - Cirrus Logic CS6420 Datasheet HTML 22Page - Cirrus Logic CS6420 Datasheet HTML 23Page - Cirrus Logic CS6420 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
CS6420
20
DS205PP2
placed between these two pins and loaded with
22 pF capacitors will allow the on-chip oscillator to
provide this system clock. Alternatively, the CLKI
pin may be driven by a CMOS level clock signal.
The clock may vary from 20.480 MHz by up to
10%, however, this will change the sampling rate
of the converters and echo canceller, which will af-
fect the bandwidth of the analog signals and the du-
ration of echo that the echo canceller can
accommodate. CLKO is not connected when CLKI
is driven by the CMOS signal.
Power Supply
The pins AVDD (pin 1) and AGND (pin 2) power
the analog sections of the CS6420, and DVDD (pin
16) and DGND (pin 15) power the digital sections.
This distinction is important because internal to the
part, the digital power supply is likely to contain
high-frequency energy. The analog power supply is
kept clean internally by drawing current from a dif-
ferent pin, thereby achieving high performance in
the converters.
The digital supply of the CS6420 should not be
connected to the system digital supply, if there is
one, as the CS6420 has internal timing mechanisms
designed to minimize the detrimental effects of its
own digital noise, but cannot use these to compen-
sate for externally introduced digital noise. The
CS6420 digital power supply should be derived
from its analog power supply through a ferrite bead
with low (< 1
Ω) DC impedance.
Power Down Mode
Typical power consumption of the CS6420 is 60
mA, assuming normal operating conditions. This
current consumption can be further reduced by in-
voking the powerdown mode, which is entered by
holding RST low. Holding RST low will power
down all the internal blocks of the CS6420 and stop
the oscillator. In powerdown mode, current con-
sumption drops to less than 1 mA.
AGND
DVDD
MB
AVDD
+5V
Analog
Supply
DGND
From
Ferrite
Bead
Figure 6. Suggested Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com