Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS6420
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS6420 Datasheet HTML 33Page - Cirrus Logic CS6420 Datasheet HTML 34Page - Cirrus Logic CS6420 Datasheet HTML 35Page - Cirrus Logic CS6420 Datasheet HTML 36Page - Cirrus Logic CS6420 Datasheet HTML 37Page - Cirrus Logic CS6420 Datasheet HTML 38Page - Cirrus Logic CS6420 Datasheet HTML 39Page - Cirrus Logic CS6420 Datasheet HTML 40Page - Cirrus Logic CS6420 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
CS6420
DS205PP2
37
PACKAGE DIMENSIONS
20-Pin
SOIC
MILLIMETERS
INCHES
MIN
MAX
MAX
MIN
0.095
0.105
2.41
2.67
0.008
0.015
0.203
0.381
0.398
0.420
10.11
10.67
0.020
0.013
0.51
0.33
0.016
0.035
0.41
0.89
8°
0°
0°
8°
0.510
0.490
12.45
12.95
0.012
0.005
0.127
0.300
1.14
0.040
DIM
E
E
b
L
D
e
A
A
c
0.292
0.298
7.42
7.57
D
E
E1
e
A
A
b
1
A 2
c
L
∝
1
∝
1
1.40
0.055
A 2
NOM
2.54
0.280
10.41
0.46
-
-
12.70
-
7.49
1.27
2.29
2.54
2.41
NOM
0.100
0.011
0.410
0.018
-
-
0.500
-
0.295
0.050
0.100
0.090 0.095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com