Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS693LSG Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS693LSG
Description  Three-wire, pulse width output protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS693LSG Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS693LSG Datasheet HTML 1Page - Allegro MicroSystems ATS693LSG Datasheet HTML 2Page - Allegro MicroSystems ATS693LSG Datasheet HTML 3Page - Allegro MicroSystems ATS693LSG Datasheet HTML 4Page - Allegro MicroSystems ATS693LSG Datasheet HTML 5Page - Allegro MicroSystems ATS693LSG Datasheet HTML 6Page - Allegro MicroSystems ATS693LSG Datasheet HTML 7Page - Allegro MicroSystems ATS693LSG Datasheet HTML 8Page - Allegro MicroSystems ATS693LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Three-Wire, Differential, Vibration Resistant
Sensor IC with Speed and Direction Output
ATS693LSG
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit
Performance Characteristics
Air Gap Range
AG
Using Allegro Reference Target 60-0
0.5
–
2.75
mm
Vibration Immunity (Startup)
errVIB(SU)
TTARGET
–
–
deg.
Vibration Immunity (Running Mode)
errVIB
TTARGET
–
–
deg.
Input Magnetic Characteristics
Allowable Differential Sequential
Signal Variation7
BSEQ(n+1) /
BSEQ(n)
Signal cycle-to-cycle variation (see figure 2)
0.6
–
–
–
Calibration
First Direction Output Pulse8
Amount of target rotation
(constant direction) following
power-on until first electrical
output pulse of either tw(FWD)
or tw(REV), see figure 1
AG ≥ 0.5 mm
AG < 2.25 mm
–
2 ×
TTARGET
<3 ×
TTARGET
deg.
AG ≥ 2.25 mm
AG ≤ 2.75 mm
–
2.5 ×
TTARGET
<4 ×
TTARGET
deg.
First Direction Pulse Output Following
Direction Change
NCD
1 ×
TTARGET
2 ×
TTARGET
<3 ×
TTARGET
deg.
First Direction Pulse Output Following
Running Mode Vibration
1 ×
TTARGET
2 ×
TTARGET
<3 ×
TTARGET
deg.
1
Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
2
Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
3
Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
4
Sustained voltages beyond the clamp voltage may cause permanent damage to the IC.
5
Pulse duration measured at a threshold of VPULLUP/ 2.
6
Maximums of both Operating Frequency (Reverse Rotation) and Operating Frequency (Non-Direction Pulses) are determined by satisfactory separation of output pulses:
VOUT(HIGH) of tw(FWD)(min). If the customer can resolve shorter high-state durations, maximum fFWD, fREV, and fND may be increased.
7
If the minimum signal phase separation is not maintained during or after a signal variation event, output may be blanked or non-direction pulses may occur. A signal varia-
tion event during power-on may increase the quantity of edges required to get correct direction pulses.
8
Power-on frequency ≤ 200 Hz. Higher power-on frequencies may require more input magnetic cycles until directional output pulses are achieved.
OPERATING CHARACTERISTICS (continued): valid throughout full operating and temperature ranges; using Reference
Target 60-0; unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com