Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS693LSG Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS693LSG
Description  Three-wire, pulse width output protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS693LSG Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS693LSG Datasheet HTML 1Page - Allegro MicroSystems ATS693LSG Datasheet HTML 2Page - Allegro MicroSystems ATS693LSG Datasheet HTML 3Page - Allegro MicroSystems ATS693LSG Datasheet HTML 4Page - Allegro MicroSystems ATS693LSG Datasheet HTML 5Page - Allegro MicroSystems ATS693LSG Datasheet HTML 6Page - Allegro MicroSystems ATS693LSG Datasheet HTML 7Page - Allegro MicroSystems ATS693LSG Datasheet HTML 8Page - Allegro MicroSystems ATS693LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TheATS693LSG is an optimized Hall-effect integrated circuit
(IC) and rare earth pellet combination that provides a user-
friendly solution for direction detection and true zero-speed,
digital gear tooth sensing. The small package can be easily
assembled and used in conjunction with a wide variety of gear
tooth sensing applications.
TheICemployspatentedalgorithmsforthespecialoperational
requirements of automotive transmission applications. The
speed and direction of the target are communicated through a
variablepulsewidthoutputprotocol.TheATS693isparticularly
adept at handling vibration without sacrificing maximum air
gap capability or creating any erroneous direction information.
Even higher angular vibration caused by engine cranking is
completely rejected by the device. The advanced vibration
detection algorithm systematically calibrates the sensor IC
on the initial teeth of true target rotation and not on vibration,
always guaranteeing an accurate signal in running mode.
Advanced signal processing and innovative algorithms make
the ATS693 an ideal solution for a wide range of speed and
direction sensing needs.
This device is available in a lead (Pb) free 4-pin SIP package
with a 100% matte tin plated leadframe.
ATS693LSG-DS
• Three-wire, pulse width output protocol
• Digital output representing target profile
• Speed and direction information of target
• Vibration tolerance
□ Small signal lockout for small amplitude vibration
□ Proprietary vibration detection algorithms for large
amplitude vibration
• Air gap independent switch points
• Large operating air gap capability
• Undervoltage lockout
• True zero-speed operation
• Wide operating voltage range
• Single chip sensing IC for high reliability
• Robust test coverage capability with Scan Path and
IDDQ measurement
Three-Wire, Differential, Vibration Resistant
Sensor IC with Speed and Direction Output
Package: 4-pin SIP (suffix SG)
Functional Block Diagram
Not to scale
ATS693LSG
Synchronous
Digital Controller
Hall Amp
ADC
Offset
Adjust
Offset
Adjust
Regulator
(Analog)
VCC
VCC
TEST
Multiplexed
Test Signals
GND
OUT
Regulator
(Digital)
Hall Amp
ADC
AGC
AGC
Filter
Filter
FEATURES AND BENEFITS
DESCRIPTION


Similar Part No. - ATS693LSG

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS692LSH ALLEGRO-ATS692LSH Datasheet
355Kb / 12P
Two-wire, pulse width output protocol
ATS692LSHTN-RSNPH-T ALLEGRO-ATS692LSHTN-RSNPH-T Datasheet
355Kb / 12P
Two-wire, pulse width output protocol
ATS696PSM ALLEGRO-ATS696PSM Datasheet
714Kb / 17P
Position Sensor IC with Speed and Direction Output
October 26, 2018
ATS699LSN ALLEGRO-ATS699LSN Datasheet
861Kb / 15P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
ATS699LSNTN-FSWPH-T ALLEGRO-ATS699LSNTN-FSWPH-T Datasheet
861Kb / 15P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
More results

Similar Description - ATS693LSG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1572 TI-UC1572 Datasheet
129Kb / 5P
Negative Output Flyback Pulse Width Modulator
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
Pulse Width Modulator
REV.0
logo
AUK corp
S494 AUK-S494 Datasheet
339Kb / 8P
Pulse Width Modulation
logo
List of Unclassifed Man...
MA818 ETC1-MA818 Datasheet
374Kb / 16P
THREE-PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
MA828 ETC1-MA828 Datasheet
367Kb / 16P
THREE-PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
logo
Data Delay Devices, Inc...
PWD-21 DATADELAY-PWD-21 Datasheet
115Kb / 1P
PULSE WIDTH DISCRIMINATOR
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
Pulse-Width Modulator
logo
Texas Instruments
UC2572 TI1-UC2572_08 Datasheet
289Kb / 9P
Negative Output Flyback Pulse Width Modulator
logo
Allegro MicroSystems
ATS692LSH ALLEGRO-ATS692LSH Datasheet
355Kb / 12P
Two-wire, pulse width output protocol
ATS16951PSM ALLEGRO-ATS16951PSM Datasheet
1Mb / 14P
GMR Speed and Direction Crankshaft Sensor with Three-Wire, Pulse-Width Output
Rev. 1 December 17, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com