Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS693LSG Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS693LSG
Description  Three-wire, pulse width output protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS693LSG Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS693LSG Datasheet HTML 7Page - Allegro MicroSystems ATS693LSG Datasheet HTML 8Page - Allegro MicroSystems ATS693LSG Datasheet HTML 9Page - Allegro MicroSystems ATS693LSG Datasheet HTML 10Page - Allegro MicroSystems ATS693LSG Datasheet HTML 11Page - Allegro MicroSystems ATS693LSG Datasheet HTML 12Page - Allegro MicroSystems ATS693LSG Datasheet HTML 13Page - Allegro MicroSystems ATS693LSG Datasheet HTML 14Page - Allegro MicroSystems ATS693LSG Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Three-Wire, Differential, Vibration Resistant
Sensor IC with Speed and Direction Output
ATS693LSG
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Start-Up Detection / Calibration
When power is applied to the ATS693, the sensor IC inter-
nally detects the profile of the target. The gain and offset of
the detected signals are adjusted during the calibration period,
normalizing the internal signal amplitude for the air gap range of
the device.
The Automatic Gain Control (AGC) feature ensures that opera-
tional characteristics are isolated from the effects of installation
air gap variation.
Automatic Offset Adjustment (AOA) is circuitry that compen-
sates for the effects of chip, magnet, and installation offsets.
This circuitry works with the AGC during calibration to adjust
VPROC in the internal A-to-D range to allow for acquisition of
signal peaks. AOA and AGC function separately on the two
differential signal channels.
Direction information is available after calibration is complete.
Figure 7 shows where the first output edges may occur for vari-
ous starting target phases.
t
t
ICC
ICC
Target
Differential
Magnetic
Profile
Target Rotation
Opposite
valley
Opposite
rising edge
Opposite
tooth
Opposite
falling edge
Device Location at Power-On
tW(FWD) or
tW(REV)
tW(ND)
tW(ND)
tW(ND)
tW(ND)
tW(FWD) or
tW(REV)
tW(FWD) or
tW(REV)
tW(ND)
tW(FWD) or
tW(REV)
tW(FWD) or
tW(REV)
tW(ND)
tW(ND)
tW(ND)
tW(FWD) or
tW(REV)
tW(FWD) or
tW(REV)
Target
Differential
Magnetic
Profile
Target Rotation
Opposite
valley
Opposite
rising edge
Opposite
tooth
Opposite
falling edge
Device Location at Power-On
tW(FWD) or
tW(REV)
tW(FWD) or
tW(REV)
tW(FWD) or
tW(REV)
tW(FWD) or
tW(REV)
tW(FWD) or
tW(REV)
tW(FWD) or
tW(REV)
tW(FWD) or
tW(REV)
Tooth
Valley
Tooth
Valley
Figure 7: Start-up Position Effect on First Device Output Switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com