Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS693LSG Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # ATS693LSG
Description  Three-wire, pulse width output protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS693LSG Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button ATS693LSG Datasheet HTML 7Page - Allegro MicroSystems ATS693LSG Datasheet HTML 8Page - Allegro MicroSystems ATS693LSG Datasheet HTML 9Page - Allegro MicroSystems ATS693LSG Datasheet HTML 10Page - Allegro MicroSystems ATS693LSG Datasheet HTML 11Page - Allegro MicroSystems ATS693LSG Datasheet HTML 12Page - Allegro MicroSystems ATS693LSG Datasheet HTML 13Page - Allegro MicroSystems ATS693LSG Datasheet HTML 14Page - Allegro MicroSystems ATS693LSG Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Three-Wire, Differential, Vibration Resistant
Sensor IC with Speed and Direction Output
ATS693LSG
14
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 10: Package SG, 4-Pin SIP
For Reference Only – Not for Tooling Use
(Reference DWG-9200)
Dimensions in millimeters
NOT TO SCALE
0.71 ±0.05
5.50 ±0.05
4.70 ±0.10
0.60 ±0.10
0.40 ±0.10
24.65 ±0.10
15.30 ±0.10
1.0 REF
0.71 ±0.10
0.71 ±0.10
1.60 ±0.10
1.27 ±0.10
5.50 ±0.10
8.00 ±0.05
5.80 ±0.05
1.70 ±0.10
24
3
1
A
A
A
B
B
C
C
D
D
E
E
F
F
F
F
F
F
1.75
1.75
Dambar removal protrusion (16X)
Metallic protrusion, electrically connected to pin 4 and substrate (both sides)
Thermoplastic Molded Lead Bar for alignment during shipment
Active Area Depth, 0.43 mm
Hall elements (E1, E2, E3), not to scale
= Supplier emblem
= Lot identifier
= Last three numbers of device part number
= Last two digits of year of manufacture
= Week of manufacture
L
N
Y
W
Standard Branding Reference View
LLLLLLL
NNN
YYWW
Branded
Face
E1
E2
E3
Branding scale and appearance at supplier discretion
0.38
+0.06
–0.04
PACKAGE OUTLINE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com