Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS693LSG Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS693LSG
Description  Three-wire, pulse width output protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS693LSG Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS693LSG Datasheet HTML 7Page - Allegro MicroSystems ATS693LSG Datasheet HTML 8Page - Allegro MicroSystems ATS693LSG Datasheet HTML 9Page - Allegro MicroSystems ATS693LSG Datasheet HTML 10Page - Allegro MicroSystems ATS693LSG Datasheet HTML 11Page - Allegro MicroSystems ATS693LSG Datasheet HTML 12Page - Allegro MicroSystems ATS693LSG Datasheet HTML 13Page - Allegro MicroSystems ATS693LSG Datasheet HTML 14Page - Allegro MicroSystems ATS693LSG Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Three-Wire, Differential, Vibration Resistant
Sensor IC with Speed and Direction Output
ATS693LSG
13
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
APPLICATION INFORMATION
Figure 9: Typical Application Circuit
2
1
ATS693
3
GND
VCC
VOUT
TEST
4
VPULLUP
RPULLUP
CL
CBYPASS
0.1 μF
(Required)
V
CC
Power Derating
The device must be operated below the maximum junction
temperature of the device, TJ(max). Under certain combinations of
peak conditions, reliable operation may require derating supplied
power or improving the heat dissipation properties of the appli-
cation. This section presents a procedure for correlating factors
affecting operating TJ. (Thermal data is also available on the
Allegro website.)
The Package Thermal Resistance, RθJA, is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heat from the junction (die), through all paths to the ambient air.
Its primary component is the Effective Thermal Conductivity, K,
of the printed circuit board, including adjacent devices and traces.
Radiation from the die through the device case, RθJC, is relatively
small component of RθJA. Ambient air temperature, TA, and air
motion are significant external factors, damped by overmolding.
The effect of varying power levels (Power Dissipation, PD), can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ, at PD.
PD = VIN
× IIN
(1)
Δ
T = PD
× RθJA
(2)
TJ = TA + ΔT
(3)
For example, given common conditions such as: TA= 25°C,
VCC = 12 V, ICC = 6.5 mA, and RθJA = 126 °C/W, then:
PD = VCC
× ICC = 12 V × 6.5 mA = 78 mW
Δ
T = PD
× RθJA = 78 mW × 126 °C/W = 9.8°C
TJ = TA + ΔT = 25°C + 9.8°C = 34.8°C
A worst-case estimate, PD(max), represents the maximum allow-
able power level (VCC(max), ICC(max)), without exceeding
TJ(max), at a selected RθJA and TA.
Example: Reliability for VCC at TA=150°C, package SG, using a
single-layer PCB.
Observe the worst-case ratings for the device, specifically:
RθJA=126 °C/W, TJ(max) =165°C, VCC(max) =24 V, and
ICC(max) = 12 mA.
Calculate the maximum allowable power level, PD(max). First,
invert equation 3:
Δ
Tmax = TJ(max) – TA = 165°C–150°C = 15°C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, invert equation 2:
PD(max) = ΔTmax÷RθJA =15°C÷126 °C/W=119 mW
Finally, invert equation 1 with respect to voltage:
VCC(est) = PD(max) ÷ ICC(max)= 119 mW÷12 mA= 9.9 V
The result indicates that, at TA, the application and device can
dissipate adequate amounts of heat at voltages ≤VCC(est).
Compare VCC(est) to VCC(max). If VCC(est) ≤ VCC(max), then
reliable operation between VCC(est) and VCC(max) requires
enhanced RθJA. If VCC(est) ≥ VCC(max), then operation between
VCC(est) and VCC(max) is reliable under these conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com