Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-331M4 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # ATF-331M4
Description  Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ATF-331M4 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button ATF-331M4 Datasheet HTML 4Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 5Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 6Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 7Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 8Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 9Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 10Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 11Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Figure 20. MSG/MAG and |S21|
2 vs. Frequency at 3V,
60 mA.
MSG
MAG
FREQUENCY (GHz)
020
10
515
40
30
20
10
0
-10
|S21|
2
ATF-331M4 Typical Scattering Parameters, VDS = 3V, IDS = 60 mA
Freq.
GHz
S11
S21
S12
S22
MSG/MAG
dB
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.5
0.81
-93.60
22.93
14.01
127.00
-28.64
0.037
54.00
0.39
-167.20
25.78
0.8
0.78
-120.70
19.68
9.64
112.10
-26.56
0.047
48.30
0.46
-172.07
23.12
1.0
0.77
-133.60
18.81
8.72
105.40
-25.68
0.052
46.80
0.48
-175.73
22.24
1.5
0.75
-152.50
15.50
5.96
93.43
-23.88
0.064
46.03
0.51
176.57
19.69
1.8
0.74
-160.50
14.27
5.17
88.00
-22.73
0.073
45.93
0.51
172.73
18.50
2.0
0.74
-164.40
14.02
5.02
84.80
-22.16
0.078
46.03
0.52
170.47
18.09
2.5
0.72
-171.30
11.06
3.57
77.97
-20.72
0.092
45.93
0.52
164.60
15.89
3.0
0.70
-175.30
9.80
3.09
71.93
-18.40
0.120
45.37
0.53
161.90
14.10
4.0
0.71
162.70
7.39
2.34
53.33
-17.52
0.133
35.20
0.54
137.43
11.21
5.0
0.73
149.70
5.70
1.93
41.90
-16.95
0.142
29.87
0.54
134.20
9.70
6.0
0.71
140.60
4.61
1.70
29.10
-16.31
0.153
21.73
0.55
116.23
8.18
7.0
0.73
123.70
3.54
1.50
15.10
-15.55
0.167
11.40
0.56
110.13
7.39
8.0
0.74
112.70
3.33
1.47
7.10
-15.09
0.176
6.37
0.56
109.10
7.35
9.0
0.76
97.60
3.12
1.43
-4.37
-15.04
0.177
-2.77
0.57
93.43
7.16
10.0
0.79
83.40
2.52
1.34
-17.80
-14.75
0.183
-14.27
0.57
78.70
6.95
11.0
0.86
61.80
0.66
1.08
-32.10
-14.80
0.182
-26.87
0.57
66.20
6.68
12.0
0.87
62.00
-0.15
0.98
-37.60
-14.29
0.193
-31.00
0.63
60.03
6.21
13.0
0.88
52.00
-0.96
0.90
-49.50
-14.80
0.182
-41.97
0.68
49.47
5.74
14.0
0.89
44.50
-1.56
0.84
-58.70
-15.34
0.171
-50.27
0.71
40.23
5.55
15.0
0.92
38.80
-3.38
0.68
-67.60
-15.65
0.165
-58.43
0.74
30.87
5.16
16.0
0.94
33.20
-5.04
0.56
-74.90
-18.42
0.120
-65.47
0.77
25.03
4.92
17.0
0.94
28.20
-5.15
0.55
-80.90
-17.65
0.131
-71.67
0.78
18.87
4.96
18.0
0.93
24.60
-6.11
0.50
-84.90
-17.79
0.129
-76.30
0.80
14.17
3.76
Notes:
1. The Fmin values are based on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these
measurements Fmin is calculated. Refer to the noise parameter measurement section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.010 inch thick alumina carrier assembly. The input reference plane is at the
end of the gate pad. The output reference plane is at the end of the drain pad.
Typical Noise Parameters, VDS = 3V, IDS = 60 mA
Freq
GHz
Fmin
dB
opt
Mag.
opt
Ang.
Rn/50
Ga
dB
0.50
0.36
0.35
0.2
0.06
21.97
0.90
0.4
0.341
24.3
0.06
18.96
1.00
0.41
0.34
31.1
0.05
18.77
1.50
0.45
0.341
62.5
0.04
16.31
1.80
0.48
0.346
79.3
0.05
15.79
2.00
0.5
0.351
89.6
0.05
14.93
2.50
0.54
0.37
112.8
0.04
13.67
3.00
0.59
0.395
132.4
0.04
12.62
4.00
0.68
0.461
162.3
0.03
10.78
5.00
0.77
0.538
-177.6
0.02
9.28
6.00
0.86
0.616
-164.4
0.02
8.34
7.00
0.95
0.683
-155.3
0.04
7.37
8.00
1.04
0.729
-147.2
0.07
6.63
9.00
1.13
0.742
-137.3
0.11
6.19
10.00
1.22
0.712
-122.6
0.19
5.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com