Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-331M4 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # ATF-331M4
Description  Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ATF-331M4 Datasheet(HTML) 1 Page - Broadcom Corporation.

  ATF-331M4 Datasheet HTML 1Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 2Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 3Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 4Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 5Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 6Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 7Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 8Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ATF-331M4
Low Noise Pseudomorphic HEMT
in a Miniature Leadless Package
Data Sheet
Description
Broadcom’s ATF-331M4 is a high linearity, low noise
pHEMT housed in a miniature leadless package.
The ATF-331M4’s small size and low profile makes it
ideal for the design of hybrid modules and other space-
constraint devices.
Based on its featured performance, ATF-331M4 is ideal for
the first or second stage of base station LNA due to the
excellent combination of low noise figure and enhanced
linearity[1]. The device is also suitable for applications
in Wireless LAN, WLL/RLL, MMDS, and other systems
requiring super low noise figure with good intercept in
the 450 MHz to 10 GHz frequency range.
Note:
1. From the same PHEMT FET family, the smaller geometry ATF-34143
may also be considered for the higher gain performance, particularly
in the higher frequency band (1.8 GHz and up).
Features
 Low noise figure
 Excellent uniformity in product specifications
 1600 micron gate width
 Miniature leadless package 1.4 mm x 1.2 mm x 0.7 mm
 Tape-and-reel packaging option available
Specifications
2 GHz; 4 V, 60 mA (Typ.)
 0.6 dB noise figure
 15 dB associated gain
 19 dBm output power at 1 dB gain compression
 31 dBm output 3rd order intercept
Applications
 Tower mounted amplifier, low noise amplifier and
driver amplifier for GSM/TDMA/CDMA base stations
 LNA for WLAN, WLL/RLL, MMDS and wireless data
infrastructures
 General purpose discrete PHEMT for other ultra low
noise applications
MiniPak 1.4 mm x 1.2 mm Package
Pin Connections and Package Marking
Note:
Top View. Package marking provides orientation, product identification
and date code.
“P” = Device Type Code
“x” = Date code character. A different character is assigned for each
month and year.
Px
Source
Pin 3
Gate
Pin 2
Source
Pin 1
Drain
Pin 4
Px


Similar Part No. - ATF-331M4

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-331M4 AVAGO-ATF-331M4 Datasheet
430Kb / 14P
Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF-331M4-BLK HP-ATF-331M4-BLK Datasheet
171Kb / 17P
Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-331M4-TR1 HP-ATF-331M4-TR1 Datasheet
171Kb / 17P
Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-331M4-TR2 HP-ATF-331M4-TR2 Datasheet
171Kb / 17P
Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
More results

Similar Description - ATF-331M4

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-551M4 HP-ATF-551M4 Datasheet
198Kb / 24P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
ATF-541M4 HP-ATF-541M4 Datasheet
169Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-331M4 AVAGO-ATF-331M4 Datasheet
430Kb / 14P
Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-35143 AVAGO-ATF-35143_15 Datasheet
521Kb / 18P
Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-38143 AVAGO-ATF-38143 Datasheet
377Kb / 12P
Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
DEMO-ATF-5X1M4E BOARDCOM-DEMO-ATF-5X1M4E Datasheet
226Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com