Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-331M4 Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # ATF-331M4
Description  Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ATF-331M4 Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button ATF-331M4 Datasheet HTML 7Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 8Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 9Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 10Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 11Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 12Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 13Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 14Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 15Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
MiniPak Package Outline Drawing
Ordering Information
Part Number
No. of Devices
Container
ATF-331M4-TR1
3000
7” Reel
ATF-331M4-TR2
10000
13” Reel
ATF-331M4-BLK
100
antistatic bag
1.47 (0.058)
1.37 (0.054)
Top view
Side view
Dimensions are in millimeteres (inches)
1.23 (0.048)
1.13 (0.044)
0.60 (0.024)
0.50 (0.020)
AA
Solder Pad Dimensions
Bottom view
1.10 (0.043)
1.02 (0.040)
3
2
4
1
0.79 (0.031)
0.77 (0.030)
0.33 (0.013)
0.23 (0.009)
-0.065 (-0.0026)
-0.055 (-0.0022)
0.00
-0.065 (-0.0026)
-0.055 (-0.0022)
0.45 (0.018)
0.35 (0.014)
0.91 (0.036)
0.89 (0.035)
1.34 (0.053)
1.26 (0.050)
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com