Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-331M4 Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # ATF-331M4
Description  Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ATF-331M4 Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button ATF-331M4 Datasheet HTML 7Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 8Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 9Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 10Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 11Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 12Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 13Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 14Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 15Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
S and Noise Parameter Measurements
The position of the reference planes used for the mea-
surement of both S and Noise Parameter measurements is
shown in Figure 23. The reference plane can be described
as being at the center of both the gate and drain pads.
S and noise parameters are measured with a 50 ohm
microstrip test fixture made with a 0.010” thickness
aluminum substrate. Both source pads are connected
directly to ground via a 0.010” thickness metal rib which
provides a very low inductance path to ground for both
source pads. The inductance associated with the addition
of printed circuit board plated through holes and source
bypass capacitors must be added to the computer circuit
simulation to properly model the effect of grounding the
source leads in a typical amplifier design.
a matching network that will present
o to the device with
minimal associated circuit losses. The noise figure of the
completed amplifier is equal to the noise figure of the
device plus the losses of the matching network preceding
the device. The noise figure of the device is equal to Fmin
only when the device is presented with
o. If the reflection
coefficient of the matching network is other than
o, then
the noise figure of the device will be greater than Fmin
based on the following equation.
NF = Fmin + 4 Rn
|
s – o |2
Zo (|1 +
o|2)(1- |s|2)
Where Rn/Zo is the normalized noise resistance,
o is the
optimum reflection coefficient required to produce Fmin
and
s is the reflection coefficient of the source impedance
actually presented to the device.
The losses of the matching networks are non-zero and
they will also add to the noise figure of the device creating
a higher amplifier noise figure. The losses of the matching
networks are related to the Q of the components and as-
sociated printed circuit board loss.
o is typically fairly
low at higher frequencies and increases as frequency is
lowered. Larger gate width devices will typically have a
lower
o as compared to narrower gate width devices.
Typically for FETs, the higher
o usually infers that an
impedance much higher than 50
 is required for the
device to produce Fmin. At VHF frequencies and even
lower L Band frequencies, the required impedance can
be in the vicinity of several thousand ohms. Matching to
such a high impedance requires very hi-Q components
in order to minimize circuit losses. As an example at 900
MHz, when air wound coils (Q>100)are used for matching
networks, the loss can still be up to 0.25 dB which will add
directly to the noise figure of the device. Using multilayer
molded inductors with Qs in the 30 to 50 range results in
additional loss over the air wound coil. Losses as high as
0.5 dB or greater add to the typical 0.15 dB Fmin of the
device creating an amplifier noise figure of nearly 0.65 dB.
Figure 23. Position of the Reference Planes.
Gate
Pin 2
Source
Pin 3
Drain
Pin 4
Source
Pin 1
Reference
Plane
Microstrip
Transmission Lines
Px
Noise Parameter Applications Information
The Fmin values are based on a set of 16 noise figure mea-
surements made at 16 different impedances using an ATN
NP5 test system. From these measurements, a true Fmin
is calculated. Fmin represents the true minimum noise
figure of the device when the device is presented with an
impedance matching network that transforms the source
impedance, typically 50
, to an impedance represented
by the reflection coefficient
o. The designer must design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com