Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-331M4 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # ATF-331M4
Description  Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ATF-331M4 Datasheet(HTML) 2 Page - Broadcom Corporation.

  ATF-331M4 Datasheet HTML 1Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 2Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 3Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 4Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 5Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 6Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 7Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 8Page - Broadcom Corporation. ATF-331M4 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
ATF-331M4 Absolute Maximum Ratings[1]
Symbol
Parameter
Units
Absolute
Maximum
VDS
Drain-Source Voltage [2]
V
5.5
VGS
Gate-Source Voltage [2]
V
-5
VGD
Gate Drain Voltage [2]
V
-5
IDS
Drain Current [2]
mA
Idiss[3]
Pdiss
Total Power Dissipation [4]
mW
400
Pin max.
RF Input Power
dBm
20
TCH
Channel Temperature [5]
°C
160
TSTG
Storage Temperature
°C
-65 to 160
jc
Thermal Resistance [6]
°C/W
200
Notes:
1. Operation of this device above any one of
these parameters may cause permanent
damage.
2. Assumes DC quiescent conditions.
3. VGS = 0 V
4. Source lead temperature is 25°C. Derate
5 mW/°C for TL > 40°C.
5. Please refer to failure rates in reliability
data sheet to assess the reliability impact
of running devices above a channel
temperature of 140°C.
6. Thermal resistance measured using 150°C
Liquid Crystal Measurement method.
Product Consistency Distribution Charts[8, 9]
VDS (V)
Figure 1. Typical Pulsed I-V Curves[7].
(VGS=-0.2V per step)
02
4
6
8
500
400
300
200
100
0
-0.6 V
0 V
+0.6 V
NF (dBm)
Figure 2. NF @ 2 GHz, 4V, 60 mA.
LSL = 28.5, Nominal = 0.6, USL = 0.8.
0.2
0.4
0.5
0.6
0.7
0.3
0.8
0.9
100
80
60
40
20
0
-3 Std
+3 Std
Cpk = 1.05
Stdev = 0.07
OIP3 (dBm)
Figure 3. OIP3 @ 2 GHz, 4V, 60 mA.
LSL = 28.5, Nominal = 31.0, USL = 36.0
28
32
30
34
36
-3 Std
+3 Std
150
120
90
60
30
0
Cpk = 1.00
Stdev = 1.07
GAIN (dB)
Figure 4. Gain @ 2 GHz, 4V, 60 mA.
LSL = 13.5, Nominal = 15.0, USL = 16.5
13
15
14
16
17
-3 Std
+3 Std
120
100
80
60
40
20
0
Cpk = 4.37
Stdev = 1.11
Notes:
8. Distribution data sample size is 349 samples from 4 different wafers. Future wafers allocated to this product may have nominal values anywhere
within the upper and lower spec limits.
9. Measurements made on production test board. This circuit represents a trade-off between an optimal noise match and a realizeable match based
on production test requirements. Circuit losses have been de-embedded from actual measurements.
Note:
7. Under large signal conditions, VGS may
swing positive and the drain current may
exceed Idss.These conditions are acceptable
as long as the Maximum Pdiss and Pin max
ratings are not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com