Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4954BNLGI Datasheet(PDF) 19 Page - Integrated Device Technology

Part # 9SQL4954BNLGI
Description  4-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4954BNLGI Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button 9SQL4954BNLGI Datasheet HTML 12Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 13Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 14Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 15Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 16Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 17Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 18Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 19Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
DECEMBER 12, 2016
19
4-OUTPUT CK420BQ DERIVATIVE
9SQL4954 DATASHEET
Ordering Information
“G” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“B” is the device revision designator (will not correlate with the datasheet revision).
Revision History
Part / Order Number Shipping Packaging
Package
Temperature
9SQL4954BNLGI
Trays
32-pin VFQFPN
-40 to +85° C
9SQL4954BNLGI8
Tape and Reel
32-pin VFQFPN
-40 to +85° C
Rev.
Issue Date
Intiator Description
Page #
F
11/4/2016
RDW
1. Updated test loads diagrams
2. Added typical Tdrive_PD# value
3. Slight adjustments to max REF slew rates
4. Added default impedance settings to Byte 12 and 13
4, 6, 10,
14
G
12/12/2016
RDW
1. Corrected impedance of differential test load from 100ohms to
85ohms
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com