Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4954BNLGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 9SQL4954BNLGI
Description  4-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4954BNLGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 9SQL4954BNLGI Datasheet HTML 4Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 5Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 6Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 7Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 8Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 9Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 10Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 11Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
4-OUTPUT CK420BQ DERIVATIVE
8
DECEMBER 12, 2016
9SQL4954 DATASHEET
Electrical Characteristics–Phase Jitter Parameters - PCIe Common Clocked (CC)
Architectures1, 2, 5
Electrical Characteristics–Phase Jitter Parameters - PCIe Independent Reference (IR)
Architectures1, 5, 6
TAMB = over the specified operating range. Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
SPECIFICATION
LIMIT
UNITS NOTES
tjphPCIeG1-CC
PCIe Gen 1
17
30
86
ps (p-p)
3
PCIe Gen 2 Low Band
10kHz < f < 1.5MHz
(PLL BW of 5-16MHz, 8-16MHz, CDR = 5MHz)
0.4
0.6
3
ps
(rms)
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
(PLL BW of 5-16MHz, 8-16MHz, CDR = 5MHz)
1.1
1.7
3.1
ps
(rms)
tjphPCIeG3-CC
PCIe Gen 3
(PLL BW of 2-4MHz, 2-5MHz, CDR = 10MHz)
0.29
0.42
1
ps
(rms)
tjphPCIeG4-CC
PCIe Gen 4
(PLL BW of 2-4MHz, 2-5MHz, CDR = 10MHz)
0.29
0.42
0.5
ps
(rms)
Phase Jitter,
PLL Mode
tjphPCIeG2-CC
TAMB = over the specified operating range. Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY LIMIT UNITS NOTES
tjphPCIeG1-
SRIS
PCIe Gen 1
n/a
None
ps
(rms)
2, 7
tjphPCIeG2-
SRIS
PCIe Gen 2
(PLL BW of 16MHz , CDR = 5MHz)
0.8
1.2
2
ps
(rms)
2
tjphPCIeG3-
SRIS
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.4
0.5
0.7
ps
(rms)
2
tjphPCIeG4-
SRIS
PCIe Gen 4
(PLL BW of 2-4MHz, CDR = 10MHz)
n/a
None
ps
(rms)
2, 7
Notes on PCIe Filter Phase Jitter Tables
1 Applies to all differential outputs, guaranteed by design and characterization.
5 Driven by 9FGL0841 or equivalent
6 IR is the new name for Separate Reference Independent Spread (SRIS) and Separate Reference no Spread (SRNS) PCIe clock
architectures.
7 According to the PCIe Base Specification Rev4.0 version 0.7 draft, the jitter transfer functions and corresponding jitter limits are not
defined for the IR clock architecture. Widely accepted industry limits using widely accepted industry filters are used to populate this
table. There are no accepted filters or limits for IR clock architectures at PCIe Gen1 or Gen4 data rates
Phase Jitter, PLL
Mode
2 Based on PCIe Base Specification Rev4.0 version 0.7draft. See http://www.pcisig.com for latest specifications.
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 Additive jitter for RMS values is calculated by solving for b where [b=sqrt(c 2-a 2)], a is rms input jitter and c is rms total jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com