Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4954BNLGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9SQL4954BNLGI
Description  4-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4954BNLGI Datasheet(HTML) 3 Page - Integrated Device Technology

  9SQL4954BNLGI Datasheet HTML 1Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 2Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 3Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 4Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 5Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 6Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 7Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 8Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DECEMBER 12, 2016
3
4-OUTPUT CK420BQ DERIVATIVE
9SQL4954 DATASHEET
Pin Descriptions
Pin#
Pin Name
Type
Pin Description
1
GNDXTAL
GND
GND for XTAL
2
XIN/CLKIN_25
IN
Crystal input or Reference Clock input. Nominally 25MHz.
3
X2
OUT
Crystal output.
4
VDDXTAL3.3
PWR
Power supply for XTAL, nominal 3.3V
5
VDDREF3.3
PWR
VDD for REF output. nominal 3.3V.
6
vSADR/REF3.3
LATCHED
I/O
Latch to select SMBus Address/3.3V LVCMOS copy of X1/REFIN pin
7
GNDREF
GND
Ground pin for the REF outputs.
8
GNDDIG
GND
Ground pin for digital circuitry
9
VDDDIG3.3
PWR
3.3V digital power (dirty power)
10
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
11
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
12
vOE0#
IN
Active low input for enabling output 0. This pin has an internal 120kohm pull-down.
1 =disable outputs, 0 = enable outputs
13
BCLK0
OUT
True output of differential BCLK.
14
BCLK0#
OUT
Complement output of differential BCLK.
15
GND
GND
Ground pin.
16
VDDO3.3
PWR
Power supply for outputs,nominal 3.3V.
17
vOE1#
IN
Active low input for enabling output 1. This pin has an internal 120kohm pull-down.
1 =disable outputs, 0 = enable outputs
18
BCLK1
OUT
True output of differential BCLK.
19
BCLK1#
OUT
Complement output of differential BCLK.
20
GNDA
GND
Ground pin for the PLL core.
21
VDDA3.3
PWR
3.3V power for the PLL core.
22
BCLK2
OUT
True output of differential BCLK.
23
BCLK2#
OUT
Complement output of differential BCLK.
24
vOE2#
IN
Active low input for enabling output 2. This pin has an internal 120kohm pull-down.
1 =disable outputs, 0 = enable outputs
25
VDDO3.3
PWR
Power supply for outputs,nominal 3.3V.
26
GND
GND
Ground pin.
27
BCLK3
OUT
True output of differential BCLK.
28
BCLK3#
OUT
Complement output of differential BCLK.
29
vOE3#
IN
Active low input for enabling output 3. This pin has an internal 120kohm pull-down.
1 =disable outputs, 0 = enable outputs
30
GND
GND
Ground pin.
31
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high assertion. Low
enters Power Down Mode, subsequent high assertions exit Power Down Mode. This
pin has internal 120kohm pull-up resistor.
32
vSS_EN_tri
LATCHED IN
Latched select input to select spread spectrum amount at initial power up :
1 = -0.5% spread, M = -0.25%, 0 = Spread Off
33
ePAD
GND
Connect to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com