Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4954BNLGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9SQL4954BNLGI
Description  4-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4954BNLGI Datasheet(HTML) 2 Page - Integrated Device Technology

  9SQL4954BNLGI Datasheet HTML 1Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 2Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 3Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 4Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 5Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 6Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 7Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 8Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
4-OUTPUT CK420BQ DERIVATIVE
2
DECEMBER 12, 2016
9SQL4954 DATASHEET
Pin Configuration
SMBus Address Selection Table
Power Management Table
Power Connections
32 31 30 29 28 27 26 25
GNDXTAL 1
24 vOE2#
XIN/CLKIN_25 2
23 BCLK2#
X2 3
22 BCLK2
VDDXTAL3.3 4
21 VDDA3.3
VDDREF3.3 5
20 GNDA
vSADR/REF3.3 6
19 BCLK1#
GNDREF 7
18 BCLK1
GNDDIG 817 vOE1#
9 10111213141516
9SQL4954
connect
epad to GND
32-pin VFQFPN, 5x5 mm, 0.5mm pitch
v prefix indicates internal 120KOhm pull down resistor
^ prefix indicates internal 120KOhm pull up resistor
SADR
Address
0
1101000
1
1101010
State of SADR on first application
of CKPWRGD_PD#
+
Read/Write Bit
x
x
True O/P
Comp. O/P
0X
X
Low1
Low1
Hi-Z2
1
1
0
Running
Running
Running
11
1
Disabled1
Disabled1
Running
10
X
Disabled1
Disabled1
Disabled4
1. The output state is set by B11[1:0] (Low/Low default)
3. Input polarities defined at default SMBus values.
4. See SMBus description for Byte 3, bit 4
2. REF is Hi-Z until the 1st assertion of CKPWRGD_PD# high. After this, when
CKPWRG_PD# is low, REF is disabled unless Byte3[5]=1, in which case REF is
running..
CKPWRGD_PD#
SMBus
OE bit
OEx#
Pin
BCLKx
REF
Pin Number
VDD
GND
41
57
98, 30
16, 25
15, 26, 33
21
20
PLL Analog
REF Output
Description
XTAL Analog
Digital Power
BCLK outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com