Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4954BNLGI Datasheet(PDF) 12 Page - Integrated Device Technology

Part # 9SQL4954BNLGI
Description  4-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4954BNLGI Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 9SQL4954BNLGI Datasheet HTML 8Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 9Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 10Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 11Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 12Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 13Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 14Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 15Page - Integrated Device Technology 9SQL4954BNLGI Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
4-OUTPUT CK420BQ DERIVATIVE
12
DECEMBER 12, 2016
9SQL4954 DATASHEET
SMBus Table: Output Enable Register
Byte 0
Name
Control Function
Type
0
1
Default
Bit 7
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
BCLK OE3
Output Enable
RW
Pin Control
1
Bit 2
BCLK OE2
Output Enable
RW
Pin Control
1
Bit 1
BCLK OE1
Output Enable
RW
Pin Control
1
Bit 0
BCLK OE0
Output Enable
RW
Pin Control
1
SMBus Table: SS Readback and Vhigh Control Register
Byte 1
Name
Control Function
Type
0
1
Default
Bit 7
SSENRB1
SS Enable Readback Bit1
R
Latch
Bit 6
SSENRB1
SS Enable Readback Bit0
R
Latch
Bit 5
SSEN_SWCNTRL
Enable SW control of SS
RW
SS control locked
Values in B1[4:3]
control SS amount.
0
Bit 4
SSENSW1
SS Enable Software Ctl Bit1
RW1
0
Bit 3
SSENSW0*
SS Enable Software Ctl Bit0
RW1
0
Bit 2
X
Bit 1
AMPLITUDE 1
RW
00 = 0.6V
01= 0.68V
1
Bit 0
AMPLITUDE 0
RW
10 = 0.75V
11 = 0.85V
0
SMBus Table: BCLK Slew Rate Control Register
Byte 2
Name
Control Function
Type
0
1
Default
Bit 7
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
SLEWRATESEL BCLK3
Adjust Slew Rate of BCLK3
RW
Slow Setting
Fast Setting
1
Bit 2
SLEWRATESEL BCLK2
Adjust Slew Rate of BCLK2
RW
Slow Setting
Fast Setting
1
Bit 1
SLEWRATESEL BCLK1
Adjust Slew Rate of BCLK1
RW
Slow Setting
Fast Setting
1
Bit 0
SLEWRATESEL BCLK0
Adjust Slew Rate of BCLK0
RW
Slow Setting
Fast Setting
1
Note: See "Low-Power HCSL Outputs" table for slew rates.
SMBus Table: REF Control Register
Byte 3
Name
Control Function
Type
0
1
Default
Bit 7
RW
00 = Slowest
01 =Slow
0
Bit 6
RW
10 = Fast
11 = Fastest
1
Bit 5
REF Power Down Function
Wake-on-Lan Enable for REF
RW
REF disabled in
Power Down
REF runs in Power
Down
0
Bit 4
REF OE
REF Output Enable
RW
Disabled1
Enabled
1
Bit 3
X
Bit 2
X
Bit 1
X
Bit 0
X
1. The disabled state depends on Byte11[1:0]. '00' = Low, '01'=HiZ, '10'=Low, '11'=HIgh
Byte 4 is Reserved
1. A low on these bits will overide the OE# pin and force the BCLKferential output to the state indicated by B11[1:0] (Low/Low default).
Reserved
Reserved
Reserved
Reserved
Reserved
00' = SS Off, '01' = -0.25% SS,
'10' = Reserved, '11'= -0.5% SS
00' for SS_EN_tri = 0, '01' for SS_EN_tri
= 'M', '11 for SS_EN_tri = '1'
Reserved
Controls Output Amplitude
Reserved
Reserved
Reserved
REF
Slew Rate Control
Reserved
Reserved
Reserved
See B11[1:0]
Reserved
1. Spread must be selected OFF or ON with the hardware latch pin. These bits should not be used to turn spread ON or OFF after
power up. These bits can be used to change the spread amount, and B1[5] must be set to a 1 for these bits to have any effect on the
part. If These bits are used to turn spread OFF or ON, the system will need to be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com