Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C56-R Datasheet(PDF) 6 Page - STMicroelectronics

Part # M93C56-R
Description  Programming instructions that work on: byte word or entire memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M93C56-R Datasheet HTML 2Page - STMicroelectronics M93C56-R Datasheet HTML 3Page - STMicroelectronics M93C56-R Datasheet HTML 4Page - STMicroelectronics M93C56-R Datasheet HTML 5Page - STMicroelectronics M93C56-R Datasheet HTML 6Page - STMicroelectronics M93C56-R Datasheet HTML 7Page - STMicroelectronics M93C56-R Datasheet HTML 8Page - STMicroelectronics M93C56-R Datasheet HTML 9Page - STMicroelectronics M93C56-R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Description
M93C86-x M93C76-x M93C66-x M93C56-x M93C46-x
6/35
DocID4997 Rev 17
1
Description
The M93C46 (1 Kbit), M93C56 (2 Kbit), M93C66 (4 Kbit), M93C76 (8 Kbit) and M93C86
(16 Kbit) are Electrically Erasable PROgrammable Memory (EEPROM) devices accessed
through the MICROWIRE™ bus protocol. The memory array can be configured either in
bytes (x8b) or in words (x16b).
The M93Cx6-W devices operate within a voltage supply range from 2.5 V to 5.5 V and the
M93Cx6-R devices operate within a voltage supply range from 1.8 V to 5.5 V. All these
devices operate with a clock frequency of 2 MHz (or less), over an ambient temperature
range of - 40 °C / + 85 °C.
Table 2. Memory size versus organization
Device
Number of bits
Number of 8-bit bytes
Number of 16-bit words
M93C86
16384
2048
1024
M93C76
8192
1024
512
M93C66
4096
512
256
M93C56
2048
256
128
M93C46
1024
128
64
Figure 1. Logic diagram
Table 3. Signal names
Signal name
Function
Direction
S
Chip Select
Input
D
Serial Data input
Input
Q
Serial Data output
Output
C
Serial Clock
Input
ORG
Organization Select
Input
VCC
Supply voltage
-
VSS
Ground
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com