Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C56-R Datasheet(PDF) 23 Page - STMicroelectronics

Part # M93C56-R
Description  Programming instructions that work on: byte word or entire memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-R Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M93C56-R Datasheet HTML 19Page - STMicroelectronics M93C56-R Datasheet HTML 20Page - STMicroelectronics M93C56-R Datasheet HTML 21Page - STMicroelectronics M93C56-R Datasheet HTML 22Page - STMicroelectronics M93C56-R Datasheet HTML 23Page - STMicroelectronics M93C56-R Datasheet HTML 24Page - STMicroelectronics M93C56-R Datasheet HTML 25Page - STMicroelectronics M93C56-R Datasheet HTML 26Page - STMicroelectronics M93C56-R Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
DocID4997 Rev 17
23/35
M93C86-x M93C76-x M93C66-x M93C56-x M93C46-x
DC and AC parameters
34
Table 17. AC characteristics (M93Cx6-R)(1)
1.
The new M93Cx6-R devices identified with the process letter K can operate with a clock frequency of
2 MHz and an Erase (or Write) cycle of 5 ms, as shown in Table 16.
Test conditions specified in Table 9 and Table 12
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSK
Clock frequency
D.C.
1
MHz
tSLCH
Chip Select low to Clock high
250
-
ns
tSHCH
tCSS
Chip Select setup time
50
-
ns
tSLSH
(2)
2.
Chip Select Input (S) must be brought low for a minimum of tSLSH between consecutive instruction cycles.
tCS
Chip Select low to Chip Select high
250
-
ns
tCHCL
(3)
3.
tCHCL + tCLCH ≥ 1 / fC.
tSKH
Clock high time
250
-
ns
tCLCH
(3)
tSKL
Clock low time
250
-
ns
tDVCH
tDIS
Data in setup time
100
-
ns
tCHDX
tDIH
Data in hold time
100
-
ns
tCLSH
tSKS
Clock setup time (relative to S)
100
-
ns
tCLSL
tCSH
Chip Select hold time
0
-
ns
tSHQV
tSV
Chip Select to READY/BUSY status
-
400
ns
tSLQZ
tDF
Chip Select low to output Hi-Z
-
200
ns
tCHQL
tPD0
Delay to output low
-
400
ns
tCHQV
tPD1
Delay to output valid
-
400
ns
tW
tWP
Erase or Write cycle time
-
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com