Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C56-R Datasheet(PDF) 31 Page - STMicroelectronics

Part # M93C56-R
Description  Programming instructions that work on: byte word or entire memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-R Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M93C56-R Datasheet HTML 27Page - STMicroelectronics M93C56-R Datasheet HTML 28Page - STMicroelectronics M93C56-R Datasheet HTML 29Page - STMicroelectronics M93C56-R Datasheet HTML 30Page - STMicroelectronics M93C56-R Datasheet HTML 31Page - STMicroelectronics M93C56-R Datasheet HTML 32Page - STMicroelectronics M93C56-R Datasheet HTML 33Page - STMicroelectronics M93C56-R Datasheet HTML 34Page - STMicroelectronics M93C56-R Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
DocID4997 Rev 17
31/35
M93C86-x M93C76-x M93C66-x M93C56-x M93C46-x
Part numbering
34
12
Part numbering
Table 22. Ordering information scheme
Example:
M93C86
–
W
MN 6
T
P
Device type
M93 = MICROWIRE™ serial EEPROM
Device function
86 = 16 Kbit (2048 x 8)
76 = 8 Kbit (1024 x 8)
66 = 4 Kbit (512 x 8)
56 = 2 Kbit (256 x 8)
46 = 1 Kbit (128 x 8)
Operating voltage
W = VCC = 2.5 to 5.5 V
R = VCC = 1.8 to 5.5 V
Package
BN = PDIP8(1)
1.
ECOPACK1®: RoHS-compliant.
MN = SO8 (150 mils width)(2)
2.
ECOPACK2®: RoHS compliant and free of brominated, chlorinated and antimony-oxide flame
retardants.
MC = UFDFPN8 2 x 3 mm (MLP8)(2)
DW = TSSOP8 (169 mils width)(2)
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
Packing
blank = tube packing
T = tape and reel packing
Plating technology
P or G = ECOPACK2®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com