Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C56-R Datasheet(PDF) 19 Page - STMicroelectronics

Part # M93C56-R
Description  Programming instructions that work on: byte word or entire memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-R Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M93C56-R Datasheet HTML 15Page - STMicroelectronics M93C56-R Datasheet HTML 16Page - STMicroelectronics M93C56-R Datasheet HTML 17Page - STMicroelectronics M93C56-R Datasheet HTML 18Page - STMicroelectronics M93C56-R Datasheet HTML 19Page - STMicroelectronics M93C56-R Datasheet HTML 20Page - STMicroelectronics M93C56-R Datasheet HTML 21Page - STMicroelectronics M93C56-R Datasheet HTML 22Page - STMicroelectronics M93C56-R Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
DocID4997 Rev 17
19/35
M93C86-x M93C76-x M93C66-x M93C56-x M93C46-x
Maximum ratings
34
9
Maximum ratings
Stressing the device outside the ratings listed in the Absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only, and operation of the
device at these, or any other conditions outside those indicated in the operating sections of
this specification, is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 7. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
Ambient operating temperature
–40
130
°C
TSTG
Storage temperature
–65
150
°C
TLEAD
Lead temperature during soldering
PDIP
-
260(1)
1.
TLEAD max must not be applied for more than 10 s.
°C
other packages
See note (2)
2.
Compliant with JEDEC standard J-STD-020D (for small-body, Sn-Pb or Pb free assembly), the ST
ECOPACK® 7191395 specification, and the European directive on Restrictions on Hazardous Substances
(RoHS directive 2011/65/EU of July 2011).
VOUT
Output range (Q = VOH or Hi-Z)
–0.50
VCC+0.5
V
VIN
Input range
–0.50
VCC+1
V
VCC
Supply voltage
–0.50
6.5
V
VESD
Electrostatic discharge voltage (human body model)(3)
3.
Positive and negative pulses applied on pin pairs, according to the AEC-Q100-002 (compliant with
ANSI/ESDA/JEDEC JS-001-2012), C1 = 100 pF, R1 = 1500
Ω, R2 = 500 Ω).
-
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com