Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C56-R Datasheet(PDF) 13 Page - STMicroelectronics

Part # M93C56-R
Description  Programming instructions that work on: byte word or entire memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M93C56-R Datasheet HTML 9Page - STMicroelectronics M93C56-R Datasheet HTML 10Page - STMicroelectronics M93C56-R Datasheet HTML 11Page - STMicroelectronics M93C56-R Datasheet HTML 12Page - STMicroelectronics M93C56-R Datasheet HTML 13Page - STMicroelectronics M93C56-R Datasheet HTML 14Page - STMicroelectronics M93C56-R Datasheet HTML 15Page - STMicroelectronics M93C56-R Datasheet HTML 16Page - STMicroelectronics M93C56-R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
DocID4997 Rev 17
13/35
M93C86-x M93C76-x M93C66-x M93C56-x M93C46-x
Instructions
34
5.1
Read Data from Memory
The Read Data from Memory (READ) instruction outputs data on Serial Data Output (Q).
When the instruction is received, the op-code and address are decoded, and the data from
the memory is transferred to an output shift register. A dummy 0 bit is output first, followed
by the 8-bit byte or 16-bit word, with the most significant bit first. Output data changes are
triggered by the rising edge of Serial Clock (C). The M93Cx6 automatically increments the
internal address register and clocks out the next byte (or word) as long as the Chip Select
Input (S) is held High. In this case, the dummy 0 bit is not output between bytes (or words)
and a continuous stream of data can be read (the address counter automatically rolls over to
00h when the highest address is reached).
5.2
Erase and Write data
5.2.1
Write Enable and Write Disable
The Write Enable (WEN) instruction enables the future execution of erase or write
instructions, and the Write Disable (WDS) instruction disables it. When power is first
applied, the M93Cx6 initializes itself so that erase and write instructions are disabled. After a
Write Enable (WEN) instruction has been executed, erasing and writing remains enabled
until a Write Disable (WDS) instruction is executed, or until VCC falls below the power-on
reset threshold voltage. To protect the memory contents from accidental corruption, it is
advisable to issue the Write Disable (WDS) instruction after every write cycle. The Read
Data from Memory (READ) instruction is not affected by the Write Enable (WEN) or Write
Disable (WDS) instructions.
5.2.2
Write
For the Write Data to Memory (WRITE) instruction, 8 or 16 data bits follow the op-code and
address bits. These form the byte or word that is to be written. As with the other bits, Serial
Data Input (D) is sampled on the rising edge of Serial Clock (C).
After the last data bit has been sampled, the Chip Select Input (S) must be taken low before
the next rising edge of Serial Clock (C). If Chip Select Input (S) is brought low before or after
this specific time frame, the self-timed programming cycle will not be started, and the
addressed location will not be programmed. The completion of the cycle can be detected by
monitoring the READY/BUSY line, as described later in this document.
Once the Write cycle has been started, it is internally self-timed (the external clock signal on
Serial Clock (C) may be stopped or left running after the start of a Write cycle). The Write
cycle is automatically preceded by an Erase cycle, so it is unnecessary to execute an
explicit erase instruction before a Write Data to Memory (WRITE) instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com