Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-R Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95040-R
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95040-R Datasheet HTML 6Page - STMicroelectronics M95040-R Datasheet HTML 7Page - STMicroelectronics M95040-R Datasheet HTML 8Page - STMicroelectronics M95040-R Datasheet HTML 9Page - STMicroelectronics M95040-R Datasheet HTML 10Page - STMicroelectronics M95040-R Datasheet HTML 11Page - STMicroelectronics M95040-R Datasheet HTML 12Page - STMicroelectronics M95040-R Datasheet HTML 13Page - STMicroelectronics M95040-R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Signal description
M950x0-W M950x0-R M950x0-DF
10/46
DocID6512 Rev 13
2.8.3
Power-up conditions
When the power supply is turned on, VCC rises continuously from VSS to VCC. During this
time, the Chip Select (S) line is not allowed to float but should follow the VCC voltage. It is
therefore recommended to connect the S line to VCC via a suitable pull-up resistor (see
Figure 3: Bus master and memory devices on the SPI bus).
In addition, the Chip Select (S) input offers a built-in safety feature, as the S input is edge
sensitive as well as level sensitive: after power-up, the device does not become selected
until a falling edge has first been detected on Chip Select (S). This ensures that Chip Select
(S) must have been high, prior to going low to start the first operation.
The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage
defined in Table 9: Operating conditions (M950x0-W), Table 10: Operating conditions
(M950x0-R) and Table 11: Operating conditions (M95040-DF, device grade 6) and the rise
time must not vary faster than 1 V/µs.
2.8.4
Power-down
During power-down (continuous decrease in the VCC supply voltage below the minimum
VCC operating voltage defined in Table 9: Operating conditions (M950x0-W), Table 10:
Operating conditions (M950x0-R) and Table 11: Operating conditions (M95040-DF, device
grade 6)), the device must be:
•
Deselected (Chip Select S should be allowed to follow the voltage applied on VCC)
•
In Standby Power mode (there should not be any internal write cycle in progress).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com